データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084-50 データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd

部品番号 LM1084-50
部品情報  5A LOW DROPOUT POSITIVE REGULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM1084-50 データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM1084-50 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LM1084-XX
Features
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
LM1084 (ADJ)
1.225
1.25
1.275
Output Voltage
LM1084-15, V
IN=4.5V
1.470
1.50
1.530
V
LM1084-18, V
IN=4.8V
1.764
1.80
1.836
LM1084-25, V
IN=5.5V
2.450
2.50
2.55
LM1084-33, V
IN=6.3V
3.235
3.30
3.365
LM1084-50, V
IN=7.0V
4.90
5.00
5.10
Line Regulation
ADJ : 2.65V
≤ V
IN ≤7V
-
0.015
0.2
%
V
OUT=1.25V
Fix : V
OUT+1.4V≤ VIN ≤7V
Load Regulation
10mA < I
O < 5A
0.6
%
Dropout Voltage
ΔV
OUT, ΔVREF=1%
1.3
1.4
V
10mA
≤ I
O ≤ 5A
Current Limit
5.0
6.0
A
GND Current (Fix)
2.65V
≤ V
IN ≤ 7V
2.0
10
mA
Adjusted Pin Current
2.65V
≤ V
IN ≤ 7V
55
120
uA
Adjusted Pin Current Change (
ΔIADJ)
2.65V
≤ V
IN ≤ 7V
0.2
5.0
uA
Temperature Stability
I
O=0.5A
0.5
%
Minimum Load Current
5.0
10
mA
RMS Output Noise (% of V
OUT)
0.003
%
Ripple Rejection Ratio
120Hz input ripple
C
OUT=25μF
(V
IN -VOUT)=3V
60
72
dB
5A LOW DROPOUT POSITIVE REGULATOR
1. Dropout Voltage 1.3V at 5A Output Current.
2. Fast Transient Response.
3. Extremely Tight Line and Load Regulation.
4. Current Limiting and Thermal Protection.
5. Adjustable Output Voltage or Fixed 1.5V, 1.8V,
2.5V, 3.3V, 5.0V.
6. Standard 3-Pin Power Packages.
Product specification
Electrical Characteristics ( Ta = 25 C)
O
DESCRIPTION
The LM1084 is a low dropout three terminal
regulator with 5A output current capability. The
output voltage is adjustable with the use of a
resistor divider or fixed 1.5V, 1.8V, 2.5V, 3.3V and 5.0V.
Dropout voltage is guaranteed to be at maximum
of 1.4V with the maximum output current. Its low
dropout voltage and fast transient response make
it ideal for low voltage microprocessor applications.
Current limit and thermal protection provide
protection against any overload condition that
would create excessive junction temperatures.
Note:
°
°°
Specifications are production tested at TA=25
C. Specifications over the -40
C to 85
C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
°
(VIN=5V, TJ=25
C, IO=10mA, unless otherwise specified) (Note1)
TO-220
1. Adj(COM) 2. Output 3. Input
TO-263
TO-252
TO-263-2L
TIGER ELECTRONIC CO.,LTD
LM1084T-XXV *TO-220
LM1084SX3-XXV *TO-263
LM1084SX2-XXV *TO-263-2L
LM1084J-XXV *TO-252
LM1084-XX


同様の部品番号 - LM1084-50

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Seme LAB
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
More results

同様の説明 - LM1084-50

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
   5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Estek Electronics Co. L...
IL1084T2 ESTEK-IL1084T2 Datasheet
204Kb / 2P
   CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com