データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV036F072M017 データシート(PDF) 3 Page - Vicor Corporation

部品番号 MV036F072M017
部品情報  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F072M017 データシート(HTML) 3 Page - Vicor Corporation

  MV036F072M017 Datasheet HTML 1Page - Vicor Corporation MV036F072M017 Datasheet HTML 2Page - Vicor Corporation MV036F072M017 Datasheet HTML 3Page - Vicor Corporation MV036F072M017 Datasheet HTML 4Page - Vicor Corporation MV036F072M017 Datasheet HTML 5Page - Vicor Corporation MV036F072M017 Datasheet HTML 6Page - Vicor Corporation MV036F072M017 Datasheet HTML 7Page - Vicor Corporation MV036F072M017 Datasheet HTML 8Page - Vicor Corporation MV036F072M017 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 3 of 10
Part Number
Typical Full Load Efficiency at nom Vout (%)
Typical Half Load Efficiency at nom Vout (%) Maximum Load Capacitance (µF)
MV036F011M100
89.5
91.5
48128
MV036F015M080
92
94
27072
MV036F022M055
94
94.5
12032
MV036F030M040
94
95.0
6768
MV036F045M027
95.3
96.5
3008
MV036F060M020
95.3
96.8
1692
MV036F072M017
96.5
96.5
1175
MV036F090M013
96.3
95.5
752
MV036F120M010
95.5
95.5
423
MV036F180M007
96.0
95.2
188
MV036F240M005
95.0
94.8
106
MV036F360M003
96
96
47
No Load Output Voltage (Vdc)
Rout (m
Ω)
Rated Output
Part Number
K-Factor
Current (A)
@26 Vin
@ 50 Vin
Min
Nom
Max
MV036F011M100
1/32
100
0.82
1.55
0.5
0.85
1.3
MV036F015M080
1/24
80
1.1
2.0
1.0
1.25
1.5
MV036F022M055
1/16
55
1.63
3.1
1.4
1.75
2.0
MV036F030M040
1/12
40
2.2
4.1
1.45
2.4
3.4
MV036F045M027
1/8
27
3.3
6.2
3.5
5.1
6.6
MV036F060M020
1/6
20
4.3
8.3
5.0
8.0
10
MV036F072M017*
1/5
16.6
6.4*
10
6.0
9.6
12
MV036F090M013
1/4
13.3
6.5
12.5
6.9
9.3
11.6
MV036F120M010
1/3
10.0
8.7
16.6
25
31
35
MV036F180M007
1/2
6.7
13
25
27.5
35.7
46.4
MV036F240M005
2/3
5.0
17.4
33
49.3
70.6
91.8
MV036F360M003
13.3
26
50
140
170
200
Military Cots VTM Family Part Numbers and Ranges
Control Pin Functions
Table 1 — VTM part numbers
Table 2 — Typical efficiency and maximum load capacitance, by part number
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
* Low line input voltage 32 V
Electrical Specifications (continued)


同様の部品番号 - MV036F072M017

メーカー部品番号データシート部品情報
logo
Vicor Corporation
MV036F072M017 VICOR-MV036F072M017 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   High density
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F072M017** VICOR-MV036F072M017* Datasheet
1Mb / 10P
   MV036 SERIES
More results

同様の説明 - MV036F072M017

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com