データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79M08CDT-1 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC79M08CDT-1
部品情報  THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79M08CDT-1 データシート(HTML) 1 Page - Motorola, Inc

  MC79M08CDT-1 Datasheet HTML 1Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 2Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 3Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 4Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 5Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 6Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 7Page - Motorola, Inc MC79M08CDT-1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC79M00
Series
THREE–TERMINAL
NEGATIVE FIXED
VOLTAGE REGULATORS
DT–1 SUFFIX
PLASTIC PACKAGE
CASE 369
(DPAK)
DT SUFFIX
PLASTIC PACKAGE
CASE 369A
(DPAK)
Pin 1. Ground
2. Input
3. Output
STANDARD APPLICATION
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 1.1 V more negative even during
the high point of the input ripple voltage.
These two digits of the type number indicate
nominal voltage.
Cin is required if regulator is located an
appreciable distance from power supply filter.
CO improve stability and transient response.
MC79MXX
Input
Cin*
0.33
µF
Output
CO**
1.0
µF
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
3
1
2
3
1
2
3
1
XX,
*
**
Order this document by MC79M00/D
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Terminal Negative
Voltage Regulators
The MC79M00 series of fixed output negative voltage regulators are
intended as complements to the popular MC78M00 series devices.
Available in fixed output voltage options of –5.0, –8.0, –12 and –15 V,
these regulators employ current limiting, thermal shutdown, and safe–area
compensation – making them remarkably rugged under most operating
conditions. With adequate heatsinking they can deliver output currents in
excess of 0.5 A.
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
Also Available in Surface Mount DPAK (DT) Package
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC79M05
MC79M08
–5.0 V
–8.0 V
MC79M12
MC79M15
–12 V
–15 V
ORDERING INFORMATION
Device
Output
Voltage
Tolerance
Operating
Temperature Range
Package
MC79MXXBDT, BDT–1
40%
TJ =– 40° to +125°C
DPAK
MC79MXXBT
40%
TJ = – 40° to +125°C
Plastic Power
MC79MXXCDT, CDT–1
4.0%
TJ =0° to +125°C
DPAK
MC79MXXCT
TJ = 0° to +125°C
Plastic Power
XX indicates nominal voltage.
Representative Schematic Diagram
Gnd
VO
VI
1.1 k
2.0 k
4.0 k
0.3
10 k
10 k
20 k 20 k
20 pF
10 pF
240
750
100
This device contains 31 active transistors.
R1
R2
© Motorola, Inc. 1996
Rev 4


同様の部品番号 - MC79M08CDT-1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC79M08CDT ONSEMI-MC79M08CDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08CDT ONSEMI-MC79M08CDT Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M08CDTG ONSEMI-MC79M08CDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08CDTG ONSEMI-MC79M08CDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M08CDTRK ONSEMI-MC79M08CDTRK Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

同様の説明 - MC79M08CDT-1

メーカー部品番号データシート部品情報
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com