データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L24ABP データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC79L24ABP
部品情報  THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79L24ABP データシート(HTML) 5 Page - Motorola, Inc

  MC79L24ABP Datasheet HTML 1Page - Motorola, Inc MC79L24ABP Datasheet HTML 2Page - Motorola, Inc MC79L24ABP Datasheet HTML 3Page - Motorola, Inc MC79L24ABP Datasheet HTML 4Page - Motorola, Inc MC79L24ABP Datasheet HTML 5Page - Motorola, Inc MC79L24ABP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC79L00, A Series
5
MOTOROLA ANALOG IC DEVICE DATA
TYPICAL CHARACTERISTICS
(TA = +25°C, unless otherwise noted.)
Figure 3. Dropout Characteristics
Figure 4. Dropout Voltage versus
Junction Temperature
Figure 5. Input Bias Current versus
Ambient Temperature
Figure 6. Input Bias Current versus
Input Voltage
Figure 7. Maximum Average Power Dissipation
versus Ambient Temperature (TO–92)
8.0
6.0
4.0
2.0
0
0
–2.0
–4.0
–6.0
–0.8
–10
Vin, INPUT VOLTAGE (V)
MC79L05C
VO = –5.0 V
TJ = 25°C
IO = 1.0 mA
IO = 100 mA
IO = 40 mA
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
IO = 70 mA
4.0
4.2
3.8
3.6
3.4
3.2
3.0
0
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
MC79L05C
Vin = –10 V
VO = –5.0 V
IO = 40 mA
5.0
4.0
3.0
2.0
1.0
0
0
–5.0
–10
–15
–20
–25
–30
–35
–40
Vin, INPUT VOLTAGE (V)
MC79L05C
VO = –5.0 V
IO = 40 mA
10,000
1,000
100
10
TA, AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
No Heatsink
R
ΘJA = 200°C/W
PD(max) to 25°C = 625 mW
Figure 8. SOP–8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
PD(max) for TA = +50°C
R
θJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
IO = 40 mA
IO = 1.0 mA
Dropout of Regulation is
defined when
∆VO = 2% of VO


同様の部品番号 - MC79L24ABP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC79L24ABP ONSEMI-MC79L24ABP Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L24ABP ONSEMI-MC79L24ABP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L24ABPG ONSEMI-MC79L24ABPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
MC79L24ABPG ONSEMI-MC79L24ABPG Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
More results

同様の説明 - MC79L24ABP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com