データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZT5401E データシート(PDF) 2 Page - Central Semiconductor Corp

部品番号 CZT5401E
部品情報  ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT5401E データシート(HTML) 2 Page - Central Semiconductor Corp

  CZT5401E_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT5401E_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CZT5401E
ENHANCED SPECIFICATION
SURFACE MOUNT
PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=5.0V, IC=1.0mA
100
hFE
VCE=5.0V, IC=10mA
100
300
hFE
VCE=5.0V, IC=50mA
75
hFE
VCE=10V, IC=150mA
25
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
40
200
NF
VCE=5.0V, IC=200μA, RS=10Ω,
f=10Hz to 15.7kHz
8.0
dB
LEAD CODE:
1) Base
2) Collector
3) Emitter
4) Collector
MARKING:
FULL PART NUMBER
SOT-223 CASE - MECHANICAL OUTLINE
♦ Enhanced specification
www.centr a lsemi.com
R1 (1-March 2010)


同様の部品番号 - CZT5401E_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT5401E CENTRAL-CZT5401E_15 Datasheet
540Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

同様の説明 - CZT5401E_10

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CMPT591E CENTRAL-CMPT591E_10 Datasheet
397Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907AE CENTRAL-CMPT2907AE_10 Datasheet
334Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CXT5401E CENTRAL-CXT5401E Datasheet
126Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401E CENTRAL-CMPT5401E Datasheet
119Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CZT5401E CENTRAL-CZT5401E Datasheet
152Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMUT5401E CENTRAL-CMUT5401E Datasheet
355Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907AE CENTRAL-CMPT2907AE Datasheet
141Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com