データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N1777A データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 2N1777A
部品情報  SILICON CONTROLLED RECTIFIER 8 AMP, 100 THRU 400 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N1777A データシート(HTML) 1 Page - Central Semiconductor Corp

  2N1777A Datasheet HTML 1Page - Central Semiconductor Corp 2N1777A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N1772A
2N1774A
2N1776A
2N1777A
SILICON CONTROLLED RECTIFIER
8 AMP, 100 THRU 400 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N1772A Series
types are reverse blocking triode thyristors, designed
for use in low power switching and phase control
applications requiring blocking voltages up to 400 volts,
and RMS load currents up to 8 amps.
MARKING: FULL PART NUMBER
TO-64 CASE
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
2N1772A 2N1774A 2N1776A 2N1777A UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
100
200
300
400
V
Peak Non-Repetitive Off-State Voltage
VDRM, VRRM
150
300
400
500
V
Peak Forward Voltage
VFM
480
V
Peak Gate Voltage
VGFM, VGRM
10
V
RMS On-State Current
IT(RMS)
8.0
A
Average On-State Current (TC=105°C)
IO
4.7
A
Peak Forward Gate Current
IGFM
2.0
A
Peak Forward Surge Current
IFSM
60
A
I2t Value for Fusing, tp=8.3ms
I2t
15
A2s
Peak Gate Power Dissipation
PGM
5.0
W
Average Gate Power Dissipation
PG(AV)
0.5
W
Operating and Storage Junction Temperature
TJ, Tstg
–40 to +150
°C
Thermal Resistance
Θ
JC
3.1
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM, IRRM
VDRM, VRRM=100V
9.0
mA
IDRM, IRRM
VDRM, VRRM=200V
6.0
mA
IDRM, IRRM
VDRM, VRRM=300V
4.0
mA
IDRM, IRRM
VDRM, VRRM=400V
2.0
mA
IGT
VAK=12V, RL=250Ω
15
mA
VGT
VAK=12V, RL=250Ω
2.0
V
VTM
IT=15A
1.85
V
IH
IT=100mA
25
mA
R1 (16-March 2011)
www.centra lsemi.com


同様の部品番号 - 2N1777A

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N1777A CENTRAL-2N1777A Datasheet
57Kb / 1P
   SCRs
logo
New Jersey Semi-Conduct...
2N1777A NJSEMI-2N1777A Datasheet
182Kb / 1P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
2N1777A DIGITRON-2N1777A Datasheet
1Mb / 4P
   PHASE CONTROL SCR
More results

同様の説明 - 2N1777A

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
MCR716 CENTRAL-MCR716 Datasheet
475Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 400 THRU 600 VOLTS
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
CSDD-8M CENTRAL-CSDD-8M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
MCR703A CENTRAL-MCR703A Datasheet
476Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 100 THRU 600 VOLTS
CSD-8M CENTRAL-CSD-8M_10 Datasheet
475Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 8 AMP, 600 THRU 800 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CS48-35B CENTRAL-CS48-35B Datasheet
112Kb / 2P
   SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
   SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com