データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78M20ACT データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC78M20ACT
部品情報  THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78M20ACT データシート(HTML) 2 Page - Motorola, Inc

  MC78M20ACT Datasheet HTML 1Page - Motorola, Inc MC78M20ACT Datasheet HTML 2Page - Motorola, Inc MC78M20ACT Datasheet HTML 3Page - Motorola, Inc MC78M20ACT Datasheet HTML 4Page - Motorola, Inc MC78M20ACT Datasheet HTML 5Page - Motorola, Inc MC78M20ACT Datasheet HTML 6Page - Motorola, Inc MC78M20ACT Datasheet HTML 7Page - Motorola, Inc MC78M20ACT Datasheet HTML 8Page - Motorola, Inc MC78M20ACT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC78M00 MC78M00A Series
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (5.0 V–18 V)
VI
35
Vdc
(20 V–24V)
40
Power Dissipation (Package Limitation)
Plastic Package, T Suffix
TA = 25°C
PD
Internally Limited
Thermal Resistance, Junction–to–Air
θJA
70
°C/W
Thermal Resistance, Junction–to–Case
θJC
5.0
°C/W
Plastic Package, DT Suffix
TA = 25°C
PD
Internally Limited
Thermal Resistance, Junction–to–Air
θJA
92
°C/W
Thermal Resistance, Junction–to–Case
θJC
5.0
°C/W
Operating Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE:
ESD data available upon request.
MC78M05C/AC ELECTRICAL CHARACTERISTICS (VI = 10 V, IO = 350 mA, –40°C < TJ < 125°C, PD ≤ 5.0 W,
unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
Vdc
MC78M05C
4.8
5.0
5.2
MC78M05AC
4.9
5.0
5.1
Output Voltage Variation
VO
Vdc
(7.0 Vdc
≤ VI ≤ 20 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M05C
4.75
5.25
MC78M05AC
4.80
5.20
Line Regulation
Regline
3.0
5.0
mV
(TJ = 25°C, 7.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
20
100
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
10
50
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
∆IIB
mA
(8.0 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
µV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 8.0 V ≤ VI ≤ 18 V)
62
(IO = 300 mA, f = 120 Hz, 8.0 ≤ VI ≤ 18 V, TJ = 25°C)
62
80
Dropout Voltage
VI–VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
∆VO/∆T
±0.2
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)


同様の部品番号 - MC78M20ACT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78M20 ONSEMI-MC78M20 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M20B ONSEMI-MC78M20B Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M20BT ONSEMI-MC78M20BT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M20C ONSEMI-MC78M20C Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
MC78M20CT ONSEMI-MC78M20CT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
More results

同様の説明 - MC78M20ACT

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com