データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-200B データシート(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

部品番号 SD-200B
部品情報  200W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-200B データシート(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-200B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-200B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SD-200B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
OVERTEMPERATURE
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW1)detectonmainpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
CompliancetoEN55022(CISPR22)ClassB
Complianceto
ight
EN61000-4-2,3,4,6,8,l
industrylevel,criteria A
-20~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
218.2Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.1Kg;12pcs/14.4Kg/0.92CUFT
FileName:SD-200-SPEC2011-08-23
200WSingleOutputDC-DCConverter
Features :
S D - 2 0 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
ENVIRONMENT
PROTECTION
1. All parameters NOT specially mentioned are measured at 24,48,96VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
105~135% ratedoutputpower
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
SD-200D
5V
12V
24V
48V
40A
16.7A
8.4A
4.2A
0~40A
0~16.7A
0~8.4A
0~4.2A
200W
200.4W
201.6W
201.6W
100mVp-p
120mVp-p
150mVp-p
200mVp-p
2.0%
1.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
43~53VDC
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
300ms,50msatfullload
B:19~36VDCC:36~72VDCD:72~144VDC
82%
3.5A/96V
82%
84%
90%
3.5A/96V
3.5A/96V
3.5A/96V
C:45A/48VDCD:45A/96VDC
5.75~6.75V
16.8~20V
31.5~37.5V
53~65V
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Over temperature
1500VAC I/O isolation
Cooling by free air convection
100% full load burn-in test
24V and 48V input voltage design refer to LVD
2 years warranty
IEC60950-1CBapprovedby TUV(forDtypeonly)
(for D type only)
EMCIMMUNITY
EMCEMISSION


同様の部品番号 - SD-200B

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
SD-200B ASTRODYNE-SD-200B Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200B MEANWELL-SD-200B Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
SD-200B MEANWELL-SD-200B Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
More results

同様の説明 - SD-200B

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
SKMW20 MEANWELL-SKMW20 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
DENSEI-LAMBDA
PAH50S48 LAMBDA-PAH50S48 Datasheet
111Kb / 2P
   Single output 50W ~ 200W DC-DC power module?
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com