データシートサーチシステム |
|
SM1624C データシート(PDF) 4 Page - Protek Devices |
|
SM1624C データシート(HTML) 4 Page - Protek Devices |
4 / 6 page Only One Name Means ProTek’Tion™ www.protekdevices.com 05147.R7 1/11 Page 4 SM1603 - SM1624C So-16 PACkAGE INFoRMATIoN oUTLINE DIMENSIoNS DIM MILLIMETERS INChES MIN MAX MIN MAX A 9.80 10.00 0.386 0.393 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.05 BSC J 0.18 0.25 0.007 0.009 K 0.10 0.25 0.004 0.008 P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 NoTES 1. -T- = Seating plane and datum surface. 2. Dimensions “A” and “B” are datum. 3. Dimensions “A” and “B” do not include mold protrusion. 4. Maximum mold protrusion is 0.015” (0.380mm) per side. 5. Dimensioning and tolerances per ANSI Y14.5M, 1982. 6. Dimensions are exclusive of mold flash and metal burrs. PAD LAYoUT DIMENSIoNS DIM MILLIMETERS INChES MIN MAX MIN MAX A 1.14 1.40 0.045 0.055 B 0.64 0.89 0.025 0.035 C 6.22 - 0.245 - D 3.94 4.17 0.155 0.165 E 1.02 1.27 0.040 0.050 NoTES 1. Controlling dimension: inches. -A- 16 9 8 1 -B- P 8 PL 0.010” (0.25mm) M M B + G D C K -T- 16 PL 0.010” (0.25mm) M S B + S A T R X 45° J 0° - 10° F A B C D E |
同様の部品番号 - SM1624C |
|
同様の説明 - SM1624C |