データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ111 データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BUZ111
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ111 データシート(HTML) 1 Page - Siemens Semiconductor Group

  BUZ111 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ111 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
28/Jan/1998
BUZ111SL
SPP80N05L
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Logic Level
• Avalanche-rated
• dv/dt rated
• 175°C operating temperature
• also in SMD available
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ111SL
55 V
80 A
0.01
TO-220 AB
Q67040-S4003-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 100 °C
ID
80
A
Pulsed drain current
TC = 25 °C
IDpuls
320
Avalanche energy, single pulse
ID = 80 A, VDD = 25 V, RGS = 25
L
= 220 µH, Tj = 25 °C
EAS
700
mJ
Avalanche current,limited by Tjmax
IAR
80
A
Avalanche energy,periodic limited by Tjmax
EAR
25
mJ
Reverse diode dv/dt
IS = 80 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
dv/dt
6
kV/µs
Gate source voltage
VGS
± 14
V
Power dissipation
TC = 25 °C
Ptot
250
W


同様の部品番号 - BUZ111

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ111 SIEMENS-BUZ111 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
BUZ111S INFINEON-BUZ111S Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ111S ISC-BUZ111S Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ111SE3045 INFINEON-BUZ111SE3045 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
More results

同様の説明 - BUZ111

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BSP171P SIEMENS-BSP171P Datasheet
60Kb / 5P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated Logic Level dv/dt rated)
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com