データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW216A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 FW216A
部品情報  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW216A データシート(HTML) 3 Page - Sanyo Semicon Device

  FW216A Datasheet HTML 1Page - Sanyo Semicon Device FW216A Datasheet HTML 2Page - Sanyo Semicon Device FW216A Datasheet HTML 3Page - Sanyo Semicon Device FW216A Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FW216A
No. A0176-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- ID
SW Time -- ID
Drain Current, ID -- A
Total Gate Charge, Qg -- nC
VGS -- Qg
IT16706
IT16705
0
0
1
2
3
4
5
6
7
6
4
10
8
9
23
15
0
5
10
7
5
3
2
100
1000
7
3
2
30
20
10
IT16704
IT16703
IT16702
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT16701
f=1MHz
Ciss
Coss
Crss
0.01
0.1
2
23
5 7
1.0
2
35 7
2
3
5
7
2
0.1
1.0
3
5
7
10
VDS=10V
Ta=
--25
°C
75°
C
VGS=0V
10
1.0
3
3
2
2
5
7
100
5
7
0.1
1.0
2
23
5
7
10
35
7
VDD=15V
VGS=10V
td(off)
tf
td(on)
t r
IT16699
IT16700
0
0
300
10
2468
--60 --40 --20
0
20
40
60
80
100 120 140 160
100
200
150
250
50
0
200
150
100
50
VGS
=4.5V
, ID=2.0A
VGS
=4.0V
, ID
=2.0A
Ta=25
°C
ID=2.0A
VGS
=10.0V
, ID=4.5A
4.5A
10
35 7
25°
C
10
7
5
3
VDS=10V
ID=4.5A
A S O
Drain-to-Source Voltage, VDS -- V
0.01
0.1
1.0
10
23 5 7
23 5 7
23 5 7
23 5
100
7
0.01
0.1
1.0
10
100
7
5
7
5
3
2
7
5
3
2
7
5
3
2
3
2
ID=4.5A
100ms
1ms
10ms
100
μs
Operation in this
area is limited by RDS(on).
DC
operation
IDP=18A (PW≤10μs)
10s
Ta=25
°C
Single pulse
1unit
When mounted on ceramic substrate (2000mm2
×0.8mm)


同様の部品番号 - FW216A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FW216A ONSEMI-FW216A Datasheet
267Kb / 5P
   N-Channel Power MOSFET
FW216A-TL-2W ONSEMI-FW216A-TL-2W Datasheet
267Kb / 5P
   N-Channel Power MOSFET
More results

同様の説明 - FW216A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com