データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA78R000F データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KIA78R000F
部品情報  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R000F データシート(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R000F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2005. 11. 8
1/10
SEMICONDUCTOR
TECHNICAL DATA
KIA78R000F/PI~
KIA78R050F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR
[Low Quiescent Current-Type]
The KIA78R
F/PI Series are Low Dropout Voltage
Regulator suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
1.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current Protection, Over Heat Protection Function.
Low Quiescent Current (Output OFF mode) : 0.5 A(Typ.)
Low Standby Current : 800 A(Typ.)
A
L
D
M
12
34
1
2
3
4
INPUT (V
)
OUTPUT (V )
GND
ON/OFF CONTROL (VC)
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
/ ADJUSTABLE
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA78R000F/PI
Adjustable (1.25~15V)
F : DPAK-5
PI : TO-220IS-4
KIA78R015F/PI
1.5
KIA78R018F/PI
1.8
KIA78R020F/PI
2.0
KIA78R025F/PI
2.5
KIA78R030F/PI
3.0
KIA78R033F/PI
3.3
KIA78R050F/PI
5.0
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
INPUT (V
)
IN
ON/OFF CONTROL (V )
2
C
OUTPUT (V )
3
O
N.C / ADJUSTABLE
4
GND
5
12
34
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
(GND)
5
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
16
V
ON/OFF Control Voltage
VC
16
V
Output Current
IOUT
1
A
Power Dissipation 1
(No heatsink)
F
PD1
1.3
W
PI
1.5
Power Dissipation 2
(Infinite heatsink)
F
PD2
13
W
PI
15
Junction Temperature
Tj
150
Operating Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
150
Soldering Temperature
Tsol
260


同様の部品番号 - KIA78R000F

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F KEC-KIA78R000F_15 Datasheet
108Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

同様の説明 - KIA78R000F

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com