データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ342 データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 BUZ342
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ342 データシート(HTML) 6 Page - Siemens Semiconductor Group

  BUZ342 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 342
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
5.0
V
DS
0
10
20
30
40
50
60
70
80
90
100
110
120
A
140
I
D
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 400W
l
20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
20
40
60
80
100
A
130
I
D
0.000
0.004
0.008
0.012
0.016
0.020
0.024
0.032
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
4.5
VGS [V] =
a
a
5.0
b
b
5.5
c
c
6.0
d
d
6.5
e
e
7.0
f
f
7.5
g
g
8.0
h
h
9.0
i
i
10.0
j
j
20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
5
10
15
20
25
30
35
40
45
50
A
60
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
10
20
30
40
A
60
I
D
0
5
10
15
20
25
30
35
40
45
50
S
60
g
fs


同様の部品番号 - BUZ342

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ34 SIEMENS-BUZ34 Datasheet
171Kb / 6P
   main ratings
logo
Inchange Semiconductor ...
BUZ34 ISC-BUZ34 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
logo
Siemens Semiconductor G...
BUZ341 SIEMENS-BUZ341 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ341 INFINEON-BUZ341 Datasheet
93Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ341 ISC-BUZ341 Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - BUZ342

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com