データシートサーチシステム |
|
CD104BNP-181MC データシート(PDF) 2 Page - Sumida Corporation |
|
CD104BNP-181MC データシート(HTML) 2 Page - Sumida Corporation |
2 / 5 page Page 2 of 5 Revised: 9-Mar-12 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CD104B Electrical Characteristics ※1. Inductance measuring condition: at 100kHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value. ※3. Heating current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 0.39 0.22 0.34 3.08(2.57) 1.0mH ±20% 102M CD104BNP-102MC 0.43 0.24 0.38 2.49(2.07) 820 μH±20% 821M CD104BNP-821MC 0.46 0.26 0.40 2.20(1.83) 680 μH±20% 681M CD104BNP-681MC 0.49 0.27 0.41 1.91(1.59) 560 μH±20% 561M CD104BNP-561MC 0.55 0.30 0.46 1.61(1.34) 470 μH±20% 471M CD104BNP-471MC 0.60 0.34 0.51 1.27(1.06) 390 μH±20% 391M CD104BNP-391MC 0.64 0.37 0.56 1.14(908.8m) 330 μH±20% 331M CD104BNP-331MC 0.69 0.40 0.58 984.3m(787.4m) 270 μH±20% 271M CD104BNP-271MC 0.75 0.44 0.65 747.0m(597.6m) 220 μH±20% 221M CD104BNP-221MC 0.78 0.49 0.74 644.5m(515.6m) 180 μH±20% 181M CD104BNP-181MC 0.88 0.52 0.80 520.8m(416.6m) 150 μH±20% 151M CD104BNP-151MC 0.98 0.59 0.91 415.8m(332.6m) 120 μH±20% 121M CD104BNP-121MC 1.30 0.68 1.05 340.8m(272.6m) 100 μH±20% 101M CD104BNP-101MC 1.45 0.74 1.16 274.8m(219.8m) 82 μH±20% 820M CD104BNP-820MC 1.55 0.84 1.25 235.3m(188.2m) 68 μH±20% 680M CD104BNP-680MC 1.70 0.91 1.36 199.3m(159.4m) 56 μH±20% 560M CD104BNP-560MC 1.80 1.00 1.52 175.8m(140.6m) 47 μH±20% 470M CD104BNP-470MC 2.10 1.07 1.64 139.5m(111.6m) 39 μH±20% 390M CD104BNP-390MC 2.30 1.18 1.80 114.3m(91.4m) 33 μH±20% 330M CD104BNP-330MC 2.48 1.24 2.01 96.1m(76.8m) 27 μH±20% 270M CD104BNP-270MC 2.50 1.44 2.24 83.9m(67.1m) 22 μH±20% 220M CD104BNP-220MC 2.76 1.52 2.32 77.8m(62.2m) 18 μH±20% 180M CD104BNP-180MC 2.90 1.72 2.56 67.0m(53.6m) 15 μH±20% 150M CD104BNP-150MC 3.20 1.92 2.88 56.3m(45.0m) 12 μH±20% 120M CD104BNP-120MC 3.30 2.05 3.12 51.6m(41.2m ) 10 μH±20% 100M CD104BNP-100MC (at 125 ℃) (at 25 ℃) Temperature rise current ( A) ※3 Saturation current (A) ※2 D.C.R. ( Ω) [Max.] (Typ.) (at 25 ℃) Inductance [Within]※1 Stamp Part name. |
同様の部品番号 - CD104BNP-181MC |
|
同様の説明 - CD104BNP-181MC |