データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ73L データシート(PDF) 8 Page - Siemens Semiconductor Group

部品番号 BUZ73L
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ73L データシート(HTML) 8 Page - Siemens Semiconductor Group

  BUZ73L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 2Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 4Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 5Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 6Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 7Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 8Page - Siemens Semiconductor Group BUZ73L Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 73 L
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 7 A, VDD = 50 V
R
GS = 25 Ω, L = 3.67 mH
20
40
60
80
100
120
°C
160
T
j
0
10
20
30
40
50
60
70
80
90
100
110
mJ
130
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 63 A
0
10
20
30
40
50
60
70
80
nC 100
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
180
185
190
195
200
205
210
215
220
225
230
V
240
V
(BR)DSS


同様の部品番号 - BUZ73L

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BUZ73L INFINEON-BUZ73L Datasheet
85Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ73L ISC-BUZ73L Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ73LH INFINEON-BUZ73LH Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.4 2009-11-10
More results

同様の説明 - BUZ73L

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com