データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM04H-P05-45K-N52-TR データシート(PDF) 1 Page - Everlight Electronics Co., Ltd

部品番号 LM04H-P05-45K-N52-TR
部品情報  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-45K-N52-TR データシート(HTML) 1 Page - Everlight Electronics Co., Ltd

  LM04H-P05-45K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-45K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
1
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Introduction
B05 series to be a high power, multi-chip device with very low
thermal resistance as a result of the PCB substrate. The series
is a surface-mount high-power device featuring high brightness
that is suitable for all kinds of lighting applications such as
general illumination, spot, signal, industrial and commercial lighting.
Features
Applications
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 3
RoHS compliant
Matches ANSI binning
Reliability testing conforms to IESNA
LM80 Lumen maintenance test method
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g. steps,
exit ways, etc.)
Agriculture Lighting
EHP-B05 series


同様の部品番号 - LM04H-P05-45K-N52-TR

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
LM04H-P05-45K-N52-TR EVERLIGHT-LM04H-P05-45K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

同様の説明 - LM04H-P05-45K-N52-TR

メーカー部品番号データシート部品情報
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com