データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM04H-P05-40K-N52-TR データシート(PDF) 3 Page - Everlight Electronics Co., Ltd

部品番号 LM04H-P05-40K-N52-TR
部品情報  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-40K-N52-TR データシート(HTML) 3 Page - Everlight Electronics Co., Ltd

  LM04H-P05-40K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
3
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Product Nomenclature
The product name is designated as below:
EHP-B05MLG/GT04H-P05/50K/R11/TR
Designation:
EHP-B05=Family name
MLG = Lambertian
GT =Color Code [1]
0 _ H = Quantity of the chip [2]
P05 =Consume the power[3]
50K = Color bin or CCT bin
R11 = min. luminous flux (lm) or radiation power (mW) performance
TR = Tapping Reel
Notes
1. Code of wavelength of the chip:
Symbol
Color
Dominant wavelength range/Peak wavelength/CCT
RB
Royal Blue
445~460nm
UB
Ultra Blue
460~470nm
SUG
Green
520~540nm
UY
Amber
580~595nm
SUR
Super ultra-Red
620~635nm
USO
Ultra Red-Orange
610~620nm
GRB
RGB full color
SUR+SUG+UB
GT
White, CRI Min 70
4745-7050K
LM
Warm White, CRI Min 70
2580-4745K
KT
White, CRI Min 80
4745-7050K
KM
Warm White, CRI Min 80
2580-4745K
2. Quantity of the chip:
Symbol
Description
2
2 chips
4
4 chips
6
6 chips
8
8 chips
3. Consume the power:
Symbol
Description
P05
5W
P07
7W
P10
10W
Materials
Items
Description
Substrate
PCB with Metal Heat Sink
Housing
Heat resistant polymer
Encapsulating Resin
Silicone resin


同様の部品番号 - LM04H-P05-40K-N52-TR

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
LM04H-P05-40K-N52-TR EVERLIGHT-LM04H-P05-40K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

同様の説明 - LM04H-P05-40K-N52-TR

メーカー部品番号データシート部品情報
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com