データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM04H-P05-40K-N52-TR データシート(PDF) 5 Page - Everlight Electronics Co., Ltd

部品番号 LM04H-P05-40K-N52-TR
部品情報  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-40K-N52-TR データシート(HTML) 5 Page - Everlight Electronics Co., Ltd

  LM04H-P05-40K-N52-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-40K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
PN of the B05 series: Typ. CRI 75 White LEDs
The table below is a list of part numbers for the EHP-B05 5W series White LED. All parts listed match ANSI
binning standards. Bin offerings of 2700K to 6500K are listed and currently available. CRI is also listed with min
70 to 80. Typical view angle is 140°. These clearly listed binning options allow for proper design and
implementation into lighting applications.
For Example: If you order product using EHP-B05MLG/GT04H-P05/57K/R11/TR, you will get White,
EHP-B05 series LEDs at 700mA are listed below.
EHP-B05MLG represents by **
Color
Order Code of EHP-B05
Luminous Flux
(lm) [1]
CCT(K)
Forward
Voltage
(V) [2]
CRI
Typ
CRI
Min
[3]
**/GT04H-P05/65K/R11/TR
400-450
450-500
65K-1~65K-4
6.0 - 7.0
75
70
**/GT04H-P05/57K/R11/TR
400-450
450-500
57K-1~57K-4
6.0 - 7.0
75
70
**/GT04H-P05/50K/R11/TR
400-450
450-500
50K-1~50K-4
6.0 - 7.0
75
70
**/LM04H-P05/45K/N52/TR
350-400
400-450
45K-1~45K-4
6.0 - 7.0
75
70
**/LM04H-P05/40K/N52/TR
350-400
400-450
40K-1~40K-4
6.0 - 7.0
75
70
**/LM04H-P05/35K/N51/TR
300-350
350-400
35K-1~35K-4
6.0 - 7.0
75
70
**/LM04H-P05/30K/N51/TR
300-350
350-400
30K-1~30K-4
6.0 - 7.0
75
70
**/LM04H-P05/27K/N51/TR
300-350
350-400
27K-1~27K-4
6.0 - 7.0
75
70
Color
Variant
Radiation
Pattern
CRI
Typ
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
57K-3 ~ 57K-4
6.0~6.5(O4)
6.5~7.0(O5)
400
Warm
White
2700
Warm
White
3000
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Cool
White
5700
Cool
White
6500


同様の部品番号 - LM04H-P05-40K-N52-TR

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
LM04H-P05-40K-N52-TR EVERLIGHT-LM04H-P05-40K-N52-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

同様の説明 - LM04H-P05-40K-N52-TR

メーカー部品番号データシート部品情報
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com