データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM04H-P05-30K-N51-TR データシート(PDF) 4 Page - Everlight Electronics Co., Ltd

部品番号 LM04H-P05-30K-N51-TR
部品情報  CRI 75 White LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

LM04H-P05-30K-N51-TR データシート(HTML) 4 Page - Everlight Electronics Co., Ltd

  LM04H-P05-30K-N51-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd LM04H-P05-30K-N51-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
4
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Maximum Ratings
Parameter
Symbol
Ratings
Unit
DC Forward Current(1)
IF
800
mA
DC Pulse Current(2)
IPF
1000
mA
ESD Sensitivity
ESD
8000
V
Junction Temperature(3)
Tj
125
°C
Operating Temperature(4)(5)
Top.
-40 ~ +85
°C
Storage Temperature
Tstge.
-40 ~ +100
°C
Junction To Heat-Sink Thermal Resistance
Rth
7
°C /W
Max. Soldering Temperature
TSol
260
°C
Max. Allowable Reflow Cycles
n/a
3
cycles
Notes:
1. Maximum forward current is 1000mA (Thermal Pad = 25°C).
2. Duty cycle = 1/10@1KHz (Thermal Pad = 25°C)
3. Maximum junction temperature is 125°C for White LEDs.
4. Maximum Operating Temperature (Thermal Pad) is 85°C for White LEDs.
5.Avoid operating LEDs at maximum operating temperature exceeding 1 hour.
JEDEC Moisture Sensitivity
Floor Life
Soak Requirements
Standard
Level
Time
(hours)
Conditions
Time
(hours)
Conditions
3
168H
30°C / 60% RH
192 (+5/-0)
30°C / 60% RH


同様の部品番号 - LM04H-P05-30K-N51-TR

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
LM04H-P05-30K-N51-TR EVERLIGHT-LM04H-P05-30K-N51-TR Datasheet
1Mb / 27P
   Robust package with high lumens
More results

同様の説明 - LM04H-P05-30K-N51-TR

メーカー部品番号データシート部品情報
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
   5W High CRI Power LED
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
PG1C-1LWE ELITE-PG1C-1LWE Datasheet
1Mb / 17P
   1W High CRI Power LED
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
   White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
   High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
   High Power COB & High CRI LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com