データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0413N データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 N0413N
部品情報  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0413N データシート(HTML) 1 Page - Renesas Technology Corp

  N0413N Datasheet HTML 1Page - Renesas Technology Corp N0413N Datasheet HTML 2Page - Renesas Technology Corp N0413N Datasheet HTML 3Page - Renesas Technology Corp N0413N Datasheet HTML 4Page - Renesas Technology Corp N0413N Datasheet HTML 5Page - Renesas Technology Corp N0413N Datasheet HTML 6Page - Renesas Technology Corp N0413N Datasheet HTML 7Page - Renesas Technology Corp N0413N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0555EJ0100 Rev.1.00
Page 1 of 6
Nov 07, 2011
Preliminary Data Sheet
N0413N
N-CHANNEL MOSFET FOR SWITCHING
Description
The N0413N is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Low on-state resistance
RDS (on) = 3.3 m
Ω MAX. (VGS = 10 V, ID = 50 A)
• Low input capacitance
Ciss = 5550 pF TYP. (VDS = 25 V, VGS = 0 V)
• High current
ID(DC) = ±100 A
• RoHS Compliant
Ordering Information
Part No.
Lead Plating
Packing
Package
N0413N-ZK-E1-AY
1
N0413N-ZK-E2-AY
1
Pure Sn (Tin)
Tape
800 p/reel
TO-263
1.39 g TYP.
Note: 1. Pb-free (This product does not contain Pb in the external electrode.)
Absolute Maximum Ratings (TA = 25
°C, all terminals are connected)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±100
A
Drain Current (pulse)
1
ID(pulse)
±400
A
Total Power Dissipation (TC = 25
°C)
PT1
119
W
Total Power Dissipation (TA = 25
°C)
PT2
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
2
IAS
55
A
Single Avalanche Energy
2
EAS
300
mJ
Thermal Resistance
Channel to Case (Drain) Thermal Resistance
Rth(ch-C)
1.05
°C/W
Channel to Ambient Thermal Resistance
2
Rth(ch-A)
83.3
°C/W
Notes: 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25°C, RG = 25 Ω, VDD = 25 V, VGS = 20 → 0 V, L = 100 μH
R07DS0555EJ0100
Rev.1.00
Nov 07, 2011


同様の部品番号 - N0413N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
N0413N-ZK ISC-N0413N-ZK Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0413N RENESAS-N0413N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

同様の説明 - N0413N

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com