データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0603N データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 N0603N
部品情報  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0603N データシート(HTML) 5 Page - Renesas Technology Corp

  N0603N Datasheet HTML 1Page - Renesas Technology Corp N0603N Datasheet HTML 2Page - Renesas Technology Corp N0603N Datasheet HTML 3Page - Renesas Technology Corp N0603N Datasheet HTML 4Page - Renesas Technology Corp N0603N Datasheet HTML 5Page - Renesas Technology Corp N0603N Datasheet HTML 6Page - Renesas Technology Corp N0603N Datasheet HTML 7Page - Renesas Technology Corp N0603N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
N0603N
Chapter Title
R07DS0559EJ0100 Rev.1.00
Page 5 of 6
Nov 07, 2011
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
2
4
6
8
-50
0
50
100
150
VGS = 10 V
ID = 50 A
Pulsed
Tch - Channel Temperature -
°C
100
1000
10000
100000
0.01
0.1
1
10
100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 30 V
VGS = 10 V
RG = 0 Ω
td(off)
tf
td(on)
tr
ID - Drain Current - A
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
ID = 100 A
VDD = 12 V
30 V
48 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.01
0.1
1
10
100
1000
0
0.4
0.8
1.2
1.6
Pulsed
VGS = 10 V
0 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
VGS = 0 V
di/dt = 100 A/µs
IF - Diode Forward Current - A


同様の部品番号 - N0603N

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N0603N RENESAS-N0603N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
logo
Inchange Semiconductor ...
N0603N ISC-N0603N Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0603N-S23 RENESAS-N0603N-S23 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

同様の説明 - N0603N

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com