データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USBA225 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3USBA225
部品情報  1.8-V Logic Compatibility and Power-Down Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USBA225 データシート(HTML) 5 Page - Texas Instruments

  TS3USBA225 Datasheet HTML 1Page - Texas Instruments TS3USBA225 Datasheet HTML 2Page - Texas Instruments TS3USBA225 Datasheet HTML 3Page - Texas Instruments TS3USBA225 Datasheet HTML 4Page - Texas Instruments TS3USBA225 Datasheet HTML 5Page - Texas Instruments TS3USBA225 Datasheet HTML 6Page - Texas Instruments TS3USBA225 Datasheet HTML 7Page - Texas Instruments TS3USBA225 Datasheet HTML 8Page - Texas Instruments TS3USBA225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TS3USBA225
www.ti.com
SCDS328
– OCTOBER 2011
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(3)
–0.3
4.6
V
VD0+,
VD0-,
High speed differential signal voltage range(3)
–0.3
4.6
V
VD1+,
VD1-
VCC
VR, VL
Audio signal voltage range
VCC
V
4.6
IK
Analog port diode current
VI/O+ ,VI/O- < 0
–50
mA
VI
Digital input voltage range (SEL1, SEL2)
–0.3
4.6
V
IIK
Digital logic input clamp current(3) VI < 0
–50
ICC
Continuous current through VCC
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage range
2.7
4.3
V
VD0+,
VD0-,
High speed differential signal voltage range
0
4.3
V
VD1+,
VD1-
VR, VL
Audio signal voltage range
VCC – 4.3
VCC
V
IK
Analog port diode current
VI/O+ ,VI/O- < 0
–50
mA
VI
Digital input voltage range (SEL1, SEL2)
0
4.3
V
TA
Operating free-air temperature
–40
85
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3USBA225


同様の部品番号 - TS3USBA225

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI1-TS3USB221 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

同様の説明 - TS3USBA225

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5USBA224 TI-TS5USBA224 Datasheet
589Kb / 20P
[Old version datasheet]   USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
[Old version datasheet]   TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com