データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0301P データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 N0301P
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301P データシート(HTML) 5 Page - Renesas Technology Corp

  N0301P Datasheet HTML 1Page - Renesas Technology Corp N0301P Datasheet HTML 2Page - Renesas Technology Corp N0301P Datasheet HTML 3Page - Renesas Technology Corp N0301P Datasheet HTML 4Page - Renesas Technology Corp N0301P Datasheet HTML 5Page - Renesas Technology Corp N0301P Datasheet HTML 6Page - Renesas Technology Corp N0301P Datasheet HTML 7Page - Renesas Technology Corp N0301P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D20204EJ1V0DS
3
N0301P
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TA - Ambient Temperature -
°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Mounted on 2500 mm
2 x 35 μ m
Coper Pad Connected to
Drain Electrode, t
≤ 5 sec
TA - Ambient Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.01
0.1
1
10
100
0.1
1
10
100
ID(pulse) = –18 A
TA = 25°C
Single Pulse
Mounted on FR-4 board of
50 mm x 50 mm x 1.6 mm,
copper foil 50 mm x 50 mm, t
≤ 5 sec
RD
S(
on
) L
im1
ite
d
(V
GS
= –
4.5
V)
PW
= 3
00
s
11 m
1
s
1
1
0
m
1
s
1
1
00
m
1
s
5 s
ID(DC) = –4.0 A
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Mounted on FR-4 board of 50 mm x 50 mm x 1.6 mm
Mounted on 2500 mm
2 x 35 μ m
Coper Pad Connected to Drain Electrode
PW - Pulse Width - s
0.1 m
1 m
10 m
100 m
1
10
100
1000


同様の部品番号 - N0301P

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
N0301P VBSEMI-N0301P Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
N0301P RENESAS-N0301P_15 Datasheet
260Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

同様の説明 - N0301P

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com