データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G10899-02K データシート(PDF) 2 Page - Hamamatsu Corporation

部品番号 G10899-02K
部品情報  Wide spectral response range (0.5 to 1.7 關m)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G10899-02K データシート(HTML) 2 Page - Hamamatsu Corporation

  G10899-02K Datasheet HTML 1Page - Hamamatsu Corporation G10899-02K Datasheet HTML 2Page - Hamamatsu Corporation G10899-02K Datasheet HTML 3Page - Hamamatsu Corporation G10899-02K Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InGaAs PIN photodiodes
G10899 series
2
Spectral response
Dark current vs. reverse voltage
Photo sensitivity temperature characteristic
Terminal capacitance vs. reverse voltage
Wavelength (µm)
(Typ. Ta=25 °C)
1.0
0.6
0.8
0.4
0.19
0
0.2
0.4
1.2
1.0
0.8
0.6
1.2
1.4
1.6
1.8
G10899 series
Si photodiode S1337-BR
Si photodiode
S1337-BQ
InGaAs PIN
photodiode
(standard type)
Reverse voltage (V)
(Typ. Ta=25 °C)
100 nA
0.01
0.1
10 nA
100 pA
1 pA
10 pA
1 nA
1 µA
1
10
100
G10899-005K
G10899-003K
G10899-02K
G10899-01K
G10899-03K
0.6
0.2
0.4
1.2
1.6
1.8
Wavelength (µm)
-1
(Typ. Ta=25 °C)
0.8
1.0
1.4
0
1
1.5
0.5
-0.5
2
Reverse voltage (V)
0.01
0.1
1
100
10
1 pF
(Typ. Ta=25 °C, f=1 MHz)
100 pF
10 nF
10 pF
1 nF
G10899-03K
G10899-01K
G10899-003K
G10899-005K
G10899-02K
KIRDB0408EA
KIRDB0414EC
KIRDB0409EA
KIRDB0410EC


同様の部品番号 - G10899-02K

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
G1089 ETC2-G1089 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1089 ETC2-G1089 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1089 HEYCO-G1089 Datasheet
92Kb / 1P
   Rubber Grommets
More results

同様の説明 - G10899-02K

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
   Two-color detector Wide spectral response range from UV to IR
logo
API Delevan
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
   Visible to IR spectral irradiance range
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
   Si photodiode Spectral response like human eye
logo
TriQuint Semiconductor
HFET2MI TRIQUINT-HFET2MI Datasheet
313Kb / 6P
   0.5-關m HFET 2MI
logo
Nel Frequency Controls,...
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
   Frequency Range: 350.0 MHz to 1.7 GHz
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com