データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1523CE データシート(PDF) 2 Page - Analog Power

部品番号 AM1523CE
部品情報  N-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1523CE データシート(HTML) 2 Page - Analog Power

  AM1523CE Datasheet HTML 1Page - Analog Power AM1523CE Datasheet HTML 2Page - Analog Power AM1523CE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM1523CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM1523CE_A
2
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Ch
Min
Typ
Max
VGS = VDS, ID = 250 uA
N
0.3
VGS = VDS, ID = -250 uA
P
-0.3
VDS = -20 V, VGS = 0 V
-10
V
DS = -20 V, V
GS = 0 V, TJ = 55
o
C
-10
VDS = 20 V, VGS = 0 V
1
V
DS = 20 V, V
GS = 0 V, TJ = 55
o
C
10
VDS = 5 V, VGS = 4.5 V
N
0.5
VDS = -5 V, VGS = -4.5 V
P
0.4
VGS = 4.5 V, ID = 0.22 A
0.09
VGS = 2.5 V, ID = 0.19 A
0.12
VGS = -4.5 V, ID = -0.2 A
0.2
VGS = -2.5 V, ID = -0.2 A
0.4
VDS = 5 V, ID = 0.2 A
N
1.45
VDS = -5 V, ID = 0.2 A
P
0.9
N
1.64
P
1.1
N
0.4
P
0.31
N
0.45
P
0.26
N
3
P
7
N
8.5
P
8
N
17
P
55
N
13
P
35
Static
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit
Gate-Threshold Voltage
VGS(th)
V
Gate-Body Leakage
IGSS
P
µ
A
N
P
Zero Gate Voltage Drain Current
IDSS
N
µA
tf
Forward Tranconductance
A
gfs
S
Dynamic
On-State Drain Current
A
ID(on)
A
Drain-Source On-Resistance
A
rDS(on)
Total Gate Charge
Qg
N-Channel
VDS=5V, VGS=4.5V, ID=0.2A
P-Channel
VDS=-5V, VGS=-4.5V, ID=-0.41A
nC
Gate-Source Charge
Qgs
Gate-Drain Charge
Qgd
Switching
Turn-On Delay Time
td(on)
N-Chaneel
V
DD=5V, VGS=4.5V, ID=0.5A
,
R
GEN=50
,
P-Channel
VDD=-5V, VGS=-4.5V, ID=-0.41A
RGEN=50
nS
Rise Time
tr
Turn-Off Delay Time
td(off)
Fall-Time


同様の部品番号 - AM1523CE

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
AM152 PANJIT-AM152 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM152 TRSYS-AM152 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM152 COMCHIP-AM152 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM152 PANJIT-AM152 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Comchip Technology
AM152-G COMCHIP-AM152-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
More results

同様の説明 - AM1523CE

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com