データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N80L-TF1-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 6N80L-TF1-T
部品情報  6A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N80L-TF1-T データシート(HTML) 1 Page - Unisonic Technologies

  6N80L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 6N80L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-500.b
6A, 800V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N80 is a N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 6N80 is universally applied in high efficiency switch
mode power supply.
FEATURES
* RDS(on) = 2.0Ω @VGS = 10 V
* Improved dv/dt capability
* Fast switching
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
1
1
TO-220
TO-220F
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N80L-TA3-T
6N80G-TA3-T
TO-220
G
D
S
Tube
6N80L-TF3-T
6N80G-TF3-T
TO-220F
G
D
S
Tube
6N80L-TF1-T
6N80G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


同様の部品番号 - 6N80L-TF1-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N80L-TF1-T UTC-6N80L-TF1-T Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results

同様の説明 - 6N80L-TF1-T

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Rohm
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
   Nch 800V 6A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com