データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV832MTR-G1 データシート(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV832MTR-G1
部品情報  Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV832MTR-G1 データシート(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV832MTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV832MTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Advance Datasheet
Dual Low Bias Current, Low Voltage, Rail-to-Rail
Input/Output CMOS Operational Amplifiers
Nov. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
7
AZV832
3.0V DC Electrical Characteristics
VCC=3.0V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max Unit
Input Offset Voltage
VOS
0.5
2.5
mV
Input Bias Current
IB
1.0
5.0
pA
Input Offset Current
IOS
2.0
pA
Input Common-mode Voltage Range
VCM
-0.3
3.3
V
VCM=-0.3V to 1.9V
62
80
Common-mode Rejection Ratio
CMRR
VCM=-0.3V to 3.3V
58
75
dB
RL=1kΩ connect to VCC/2,
VO=0.2V to 2.8V
90
110
Large Signal Voltage Gain
GV
RL=10kΩ connect to VCC/2,
VO=0.1V to 2.9V
95
115
dB
Input Offset Voltage Drift
∆VOS/∆T
2.0
µV/
°C
VIN=0.5V, RL=1kΩ connect
to VCC/2
20
50
Output Voltage Swing from Rail
VOL/VOH
VIN=0.5V, RL=10kΩ connect
to VCC/2
3
15
mV
Sink
ISINK
VOUT=VCC
50
60
Output Current
Source
ISOURCE VOUT=0V
50
65
mA
Closed-loop Output Impedance
ZOUT
f=10kHz, G=1 (Note 2)
9
Power Supply Rejection Ratio
PSRR
VCC=1.6V to 5.0V, VCM=0.5V
70
80
dB
Supply Current
ICC
VCM<VCC-1V, IOUT=0
140 180
µA
3.0V AC Electrical Characteristics
VCC=3.0V, VEE=0, VCM=VCC/2, TA=25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min Typ Max
Unit
Gain Bandwidth Product
GBP
RL=100kΩ
1.0
MHz
Slew Rate
SR
G=1, 2V Step,
CL=100pF, RL=10kΩ
0.40
V/µs
Phase Margin
φM
RL=100kΩ
67
Degrees
Total Harmonic Distortion+Noise
THD+N
f=1kHz, G=1, VIN=1Vpp
RL=10kΩ, CL=100pF
-70
dB
Voltage Noise Density
en
f=1kHz
27
Hz
nV/
Note 2: G is Closed-Loop Voltage Gain.


同様の部品番号 - AZV832MTR-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV832MTR-G1 BCDSEMI-AZV832MTR-G1 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV832MTR-G1 DIODES-AZV832MTR-G1 Datasheet
877Kb / 24P
   SINGLE/DUAL LOW BIAS CURRENT, LOW VOLTAGE
More results

同様の説明 - AZV832MTR-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com