データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV358MMTR-E1 データシート(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV358MMTR-E1
部品情報  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358MMTR-E1 データシート(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZV358MMTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358MMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
5
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
5V Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
1.7
7
mV
9
Input Bias Current
IB
15
250
nA
500
Input Offset Current
IIO
550
nA
150
Input Common Mode Voltage
Range
VCM
for CMRR
≥50dB
-0.1
4.2
V
Supply Current
ICC
VO=VCC/2, AVCL=1, No load
210
440
µA
615
Large Signal Voltage Gain
GV
RL=2kΩ
84
100
dB
80
Common Mode Rejection
Ratio
CMRR
0
≤VCM≤4V
50
63
dB
Power
Supply
Rejection
Ratio
PSRR
2.7V
≤VCC≤5V VO=1V, VCM=1V
50
60
dB
Output Short Circuit Current
ISOURCE VO=0V
560
mA
ISINK
VO=5V
10
160
mA
Output Voltage Swing
VOH
RL=2kΩ to 2.5V
4.7
4.96
V
4.6
RL=10kΩ to 2.5V
4.9
4.99
4.8
VOL
RL=2kΩ to 2.5V
120
300
mV
400
RL=10kΩ to 2.5V
65
180
280
Slew Rate
SR
1
V/
µs
Gain Bandwidth Product
GBWP
CL=200pF
1MHz
Phase Margin
φM
60
deg
Gain Margin
GM
10
dB
Limits in standard typeface are for TA=25oC, bold typeface applies over TA=-40oC to 85oC, VCC=5V, VEE=0V, VCM=2.0V,
VO=VCC/2 and RL>1MΩ, unless otherwise specified. (Note 2)
Note 2: Limits over the full temperature are guaranteed by design, but not tested in production.


同様の部品番号 - AZV358MMTR-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV358MMTR-E1 DIODES-AZV358MMTR-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - AZV358MMTR-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com