データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV358MM-G1 データシート(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV358MM-G1
部品情報  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV358MM-G1 データシート(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZV358MM-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV358MM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358
Data Sheet
1
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AZV358 is dual low voltage (2.7-5.5V)
operational amplifiers which have rail-to-rail output
swing capability. The input common-mode voltage
range includes ground. The chip exhibits excellent
speed-power ratio, achieving 1MHz of bandwidth and
1V/µs of slew rate with low supply current.
The AZV358 is built with BiCMOS process. It has
bipolar input and output stages for improved noise per-
formance, low input offset voltage and higher output
current drive.
AZV358 is available in the package of TSSOP-8 and
MSOP-8. The small packages save space on pc
boards, and enable the design of small portable elec-
tronic devices. It also allows the designer to place
the device closer to the signal source to reduce
noise pickup and increase signal integrity.
AZV358 is also available in standard SOIC-8 package.
Features
For VCC=5V and VEE=0V, typical unless otherwise
noted)
·
Guaranteed 2.7V to 5.5V Performance
·
No Crossover Distortion
·
Gain-Bandwidth Product 1MHz
·
Industrial Temperature Range: -40oC to +85oC
·
Low Supply Current: 210µA
·
Rail-to-Rail Output Swing under 10kLoad:
VOH up to VCC -10mV
VOL near to VEE +65mV
·
VCM: -0.1V to VCC-0.8V
Applications
·
Active Filters
·
Low Power, Low Voltage Applications
·
General Purpose Portable Devices
·
Cellular Phone, Cordless Phone
·
Battery-Powered Systems
Figure 1. Package Types of AZV358
SOIC-8
TSSOP-8
MSOP-8


同様の部品番号 - AZV358MM-G1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV358MM-E1 DIODES-AZV358MM-E1 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - AZV358MM-G1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com