データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2004-H14-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 TDA2004-H14-T
部品情報  1010W STEREO AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004-H14-T データシート(HTML) 1 Page - Unisonic Technologies

  TDA2004-H14-T Datasheet HTML 1Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 2Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 3Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 4Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 5Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 6Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 7Page - Unisonic Technologies TDA2004-H14-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
TDA2004
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R107-034,A
10+10W STEREO AMPLIFIER
FOR CAR RADIO
DESCRIPTION
The UTC TDA2004 is a class B dual audio power amplifier
and is designed for car radio applications.
FEATURES
* Low distortion.
* Low noise.
HZIP-11
HSIP-14
*Pb-free plating product number: TDA2004L
PIN DESCRIPTION
PIN NO.
HZIP-11
HSIP-14*
PIN NAME
1
1
INPUT+ (1)
2
2
INPUT- (1)
3
3
SVRR
4
4
INPUT- (2)
5
5
INPUT+ (2)
6
6
GND
7
10
BOOTSTRAP 2
8
11
OUTPUT 2
9
12
+VS
10
13
OUTPUT 1
11
14
BOOTSTRAP 1
* PIN 7, 8, 9 no connection.
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
TDA2004-J11-T
TDA2004L-J11-T
HZIP-11
Tube
TDA2004-H14-T
TDA2004L-H14-T
HSIP-14
Tube


同様の部品番号 - TDA2004-H14-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TDA2004-H14-B-T UTC-TDA2004-H14-B-T Datasheet
316Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
More results

同様の説明 - TDA2004-H14-T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2004 UTC-TDA2004_15 Datasheet
316Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
   10 10 W stereo amplifier for car radio
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com