データシートサーチシステム |
|
BAW56W データシート(PDF) 1 Page - Unisonic Technologies |
|
BAW56W データシート(HTML) 1 Page - Unisonic Technologies |
1 / 2 page UNISONIC TECHNOLOGIES CO., LTD BAW56W Preliminary DIODE www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-034.a DUAL SURFACE MOUNT SWITCHING DIODE DESCRIPTION The UTC BAW56W is a dual surface mount switching diode providing the designers with ultra-fast switching and high conductance. The UTC BAW56W is suitable for general purpose switching applications FEATURES * Ultra-fast switching * Low switching loss * High Conductance ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing BAW56WL-AE3-R BAW56WG-AE3-R SOT-23 K1 K2 A2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode BAW56WL-AE3-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AE3: SOT-23 (3) G:Halogen Free, L: Lead Free (3)Lead Free MARKING |
同様の部品番号 - BAW56W_11 |
|
同様の説明 - BAW56W_11 |