データシートサーチシステム |
|
CD4066G-D14-T データシート(PDF) 5 Page - Unisonic Technologies |
|
CD4066G-D14-T データシート(HTML) 5 Page - Unisonic Technologies |
5 / 8 page CD4066 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R502-739.A AC ELECTRICAL CHARACTERISTICS (TA=25°C, tR=tF=20nS and VSS=0V, unless otherwise specified) (Note 1) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Propagation Delay Time Signal tPHL, tPLH VCON=VDD, CL=5pF, RL=200kΩ (Fig. 1) VDD=5V 25 55 ns VDD=10V 15 35 ns VDD=15V 10 25 ns Propagation Delay Time Control Input to Signal Output High Impedance to Logical Level tPZH, tPZL RL=1kΩ, CL=50pF, (Fig. 2, 3) VDD=5V 125 ns VDD=10V 60 ns VDD=15V 50 ns Propagation Delay Time Control Input to Signal Output Logical Level to High Impedance tPHZ, tPLZ RL=1kΩ, CL=50pF, (Fig. 2, 3) VDD=5V 125 ns VDD=10V 60 ns VDD=15V 50 ns Sine Wave Distortion VCON=VDD=5V, VSS=-5V, RL=10kΩ, VIS=5Vp-p, f=1kHz (Fig. 4) 0.1 % Frequency Response-Switch “ON” (Frequency at -3dB) VCON=VDD=5V, VSS=-5V, RL=1kΩ, 20 Log10(VOS/VIS)=-3dB, VIS=5.0Vp-p (Fig. 4) 40 MHz Feedthrough - Switch “OFF” (Frequency at -50dB) VDD=5.0V, VCC=VSS=-5.0V, RL=1kΩ, VIS=5.0Vp-p, 20 Log10(VOS/VIS)=-50dB (Fig. 4) 1.25 MHz Crosstalk Between Any Two Switches (Frequency at -50dB) VDD=VCON(A)=5.0V, RL=1kΩ, VSS=VCON (B)=5.0V, VIS(A)=5.0Vp-p, 20 Log10(VOS(B)/VIS(A))=-50dB(Fig. 5) 0.9 MHz Crosstalk, Control Input to Signal Output VDD=10V, RL=10kΩ, RIN=1kΩ, VCC=10V Square Wave, CL=50pF (Fig. 6) 150 mVP- P Maximum Control Input RL=1kΩ, CL=50pF, VOS(f)=½ VOS(1kHz) (Fig. 7) VDD=5V 6 MHz VDD=10V 8 MHz VDD=15V 8.5 MHz Signal Input Capacitance CIS 8.0 pF Signal Output Capacitance COS VDD=10V 8.0 pF Feedthrough Capacitance CIOS VCON=0V 0.5 pF Control Input Capacitance CIN 5.0 7.5 pF Notes:1. AC Parameters are guaranteed by DC correlated testing. 2. These devices should not be connected to circuits with the power “ON”. 3. In all cases, there is approximately 5 pF of probe and jig capacitance in the output; however, this capacitance is included in CL wherever it is specified. 4. VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VCON is the voltage at the control input. 5. Conditions for VIHC: a) VIS=VDD, IOS=standard B series IOH b) VIS=0V, IOL= standard B series IOL |
同様の部品番号 - CD4066G-D14-T |
|
同様の説明 - CD4066G-D14-T |