データシートサーチシステム |
|
P002-3-120X データシート(PDF) 2 Page - Ensign Corporation |
|
P002-3-120X データシート(HTML) 2 Page - Ensign Corporation |
2 / 3 page Part Number 115V Primary 115/230V Primary Series Secondary Parallel Secondary 230V Primary P001-1-010X* P001-2-010X* 10VCT @ 0.11A 5V @ 0.22A P001-3-010X* P002-1-010X* P002-2-010X* 10VCT @ 0.25A 5V @ 0.5A P002-3-010X* P006-1-010X P006-2-010X 10VCT @ 0.6A 5V @ 1.2A P006-3-010X P012-1-010X P012-2-010X 10VCT @ 1.2A 5V @ 2.4A P012-3-010X P020-1-010X P020-2-010X 10VCT @ 2.0A 5V @ 4.0A P020-3-010X P036-1-010X P036-2-010X 10VCT @ 3.6A 5V @ 7.2A P036-3-010X P001-1-012X* P001-2-012X* 12.6VCT @ 0.09A 6.3V @ 0.18A P001-3-012X* P002-1-012X* P002-2-012X* 12.6VCT @ 0.2A 6.3V @ 0.4A P002-3-012X* P006-1-012X P006-2-012X 12.6VCT @ 0.5A 6.3V @ 1.0A P006-3-012X P012-1-012X P012-2-012X 12.6VCT @ 1.0A 6.3V @ 2.0A P012-3-012X P020-1-012X P020-2-012X 12.6VCT @ 1.6A 6.3V @ 3.2A P020-3-012X P036-1-012X P036-2-012X 12.6VCT @ 2.85A 6.3V @ 5.7A P036-3-012X P001-1-016X* P001-2-016X* 16VCT @ 0.07A 8V @ 0.14A P001-3-016X* P002-1-016X* P002-2-016X* 16VCT @ 0.15A 8V @ 0.3A P002-3-016X* P006-1-016X P006-2-016X 16VCT @ 0.4A 8V @ 0.8A P006-3-016X P012-1-016X P012-2-016X 16VCT @ 0.8A 8V @ 1.6A P012-3-016X P020-1-016X P020-2-016X 16VCT @ 1.25A 8V @ 2.5A P020-3-016X P036-1-016X P036-2-016X 16VCT @ 2.25A 8V @ 4.5A P036-3-016X P001-1-020X* P001-2-020X* 20VCT @ 0.055A 10V @ 0.11A P001-3-020X* P002-1-020X* P002-2-020X* 20VCT @ 0.12A 10V @ 0.24A P002-3-020X* P006-1-020X P006-2-020X 20VCT @ 0.3A 10V @ 0.6A P006-3-020X P012-1-020X P012-2-020X 20VCT @ 0.6A 10V @ 1.2A P012-3-020X P020-1-020X P020-2-020X 20VCT @ 1.0A 10V @ 2.0A P020-3-020X P036-1-020X P036-2-020X 20VCT @ 1.8A 10V @ 3.6A P036-3-020X P001-1-024X P001-2-024X 24VCT @ 0.045A 12V @ 0.09A P001-2-024X P002-1-024X* P002-2-024X* 24VCT @ 0.1A 12V @ 0.2A P002-3-024X* P006-1-024X P006-2-024X 24VCT @ 0.25A 12V @ 0.5A P006-3-024X P012-1-024X P012-2-024X 24VCT @ 0.5A 12V @ 1.0A P012-3-024X P020-1-024X P020-2-024X 24VCT @ 0.8A 12V @ 1.6A P020-3-024X P036-1-024X P036-2-024X 24VCT @ 1.5A 12V @ 3.0A P036-3-024X Part Number 115V Primary 115/230V Primary Series Secondary Parallel Secondary 230V Primary P001-1-028X P001-2-028X 28VCT @ 0.04A 14V @ 0.08A P001-3-028X P002-1-028X P002-2-028X 28VCT @ 0.085A 14V @ 0.17A P002-3-028X P006-1-028X P006-2-028X 28VCT @ 0.2A 14V @ 0.4A P006-3-028X P012-1-028X P012-2-028X 28VCT @ 0.42A 14V @ 0.84A P012-3-028X P020-1-028X P020-2-028X 28VCT @ 0.7A 14V @ 1.4A P020-3-028X P036-1-028X P036-2-028X 28VCT @ 1.3A 14V @ 2.6A P036-3-028X P001-1-036X P001-2-036X 36VCT @ 0.03A 18V @ 0.06A P001-3-036X P002-1-036X P002-2-036X 36VCT @ 0.065A 18V @ 0.13A P002-3-036X P006-1-036X P006-2-036X 36VCT @ 0.17A 18V @ 0.34A P006-3-036X P012-1-036X P012-2-036X 36VCT @ 0.35A 18V @ 0.7A P012-3-036X P020-1-036X P020-2-036X 36VCT @ 0.55A 18V @ 1.1A P020-3-036X P036-1-036X P036-2-036X 36VCT @ 1.0A 18V @ 2.0A P036-3-036X P001-1-048X P001-2-048X 48VCT @ 0.023A 24V @ 0.046A P001-3-048X P002-1-048X P002-2-048X 48VCT @ 0.05A 24V @ 0.1A P002-3-048X P006-1-048X P006-2-048X 48VCT @ 0.125A 24V @ 0.25A P006-3-048X P012-1-048X P012-2-048X 48VCT @ 0.25A 24V @ 0.5A P012-3-048X P020-1-048X P020-2-048X 48CT @ 0.4A 24V @ 0.8A P020-3-048X P036-1-048X P036-2-048X 48VCT @ 0.75A 24V @ 1.5A P036-3-048X P001-1-056X P001-2-056X 56VCT @ 0.02A 28V @ 0.04A P001-3-056X P002-1-056X P002-2-056X 56VCT @ 0.045A 28V @ 0.09A P002-3-056X P006-1-056X P006-2-056X 56VCT @ 0.11A 28V @ 0.22A P006-3-056X P012-1-056X P012-2-056X 56VCT @ 0.22A 28V @ 0.44A P012-3-056X P020-1-056X P020-2-056X 56VCT @ 0.35A 28V @ 0.7A P020-3-056X P036-1-056X P036-2-056X 56VCT @ 0.65A 28V @ 1.3A P036-3-056X P001-1-120X P001-2-120X 120VCT @0.01A 60V @ 0.02A P001-3-120X P002-1-120X P002-2-120X 120VCT @ 0.02A 60V @ 0.04A P002-3-120X P006-1-120X P006-2-120X 120VCT @ 0.05A 60V @ 0.1A P006-3-120X P012-1-120X P012-2-120X 120VCT @ 0.1A 60V @ 0.2A P012-3-120X P020-1-120X P020-2-120X 120VCT @ 0.16A 60V @ 0.32A P020-3-120X P036-1-120X P036-2-120X 120VCT @ 0.3A 60V @ 0.6A P036-3-120X Partial Selection Guide (Standard Stock) Over 95,000 additional Captain Class model configurations available! Refer to the Part Numbering Scheme on the next page to configure your own part with following options: Primary: 120V, 120/240V, or 240V Secondary: 5V to 120V, in 1V increments Frequency: 50/60Hz, or economy 60Hz-only Captain Class With or without current or thermal protector(s) Temperature Class: 130 C, or 200C Models marked with * are also UL 5085-3 Class 2 recognized (see Page 9) Sales Office : 300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com 7 Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty. |
同様の部品番号 - P002-3-120X |
|
同様の説明 - P002-3-120X |