データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

000-27975 データシート(PDF) 6 Page - Amphenol Corporation

部品番号 000-27975
部品情報  MHV Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

000-27975 データシート(HTML) 6 Page - Amphenol Corporation

  000-27975 Datasheet HTML 1Page - Amphenol Corporation 000-27975 Datasheet HTML 2Page - Amphenol Corporation 000-27975 Datasheet HTML 3Page - Amphenol Corporation 000-27975 Datasheet HTML 4Page - Amphenol Corporation 000-27975 Datasheet HTML 5Page - Amphenol Corporation 000-27975 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
168
Cable Group Listing
Cable Group Listing
Cable Group Cable Type
A
RG-178, 196
B
RG-174, 188A, 316, Belden 7805
B1
RG-179, 187, Belden 9221
B2
RD-188/U, RD-316/U
B3
RD-179/U, AT&T 19224L2
C
RG-58, 58A, 58C, 141, 303, LMR195, Belden 7806A, 9907
C1
RG-55, 142, 223, 400
C2
LMR200, Belden 7807A
D
RG-58/U Plenum, Thinnet, RG-122/U, Belden 88240, 89907
E
RG-59, 62, 140, 210, Belden 8241, 8263, 8279, 9209
E1
RG-59/U 20 AWG center conductor, Belden 1426A, 1505A, 9100, 9278
E2
RD-59/U, Belden 8281, 9141, 9231
E3
RG-59/U Quad Shield, Belden 1152A
F
RG-59/U Plenum, Belden 1560A, 9259, 82259, 89259, 88241
F1
RG-59/U Plenum 20 AWG center conductor, Belden 82108
G1
RG-6, 143, 212
G2
8X, LMR240, Belden 7808A, 9258
G3
LMR400, Belden 7810A, 8214, 9913
G4
RG-8, 8A, 9, 87A, 213, 214, 225, 393
G5
RD-6/U
H
RG-11
H1
Belden 1694A, 9248
H2
Belden 1859A, 7731, 8213, 9292
H3
RG-54A/U
I
AT&T 734A, Belden 1505A
I2
AT&T 735A, Belden 735A1
J
Quad 59 headend cable
K
LMR600
K2
Belden 1695A
K3
RG-122, 180, 195, Belden 1855, 1865A, 8218
L
.141 semi-rigid, RG-402/U
L2
.085, .086, .087 semi-rigid, RG-405/U
L3
.250 semi-rigid
L4
.047 semi-rigid, Belden 1674
M
1/2 inch annular corrugated
M1
1 1/4 inch annular corrugated
M2
1 5/8 inch annular corrugated
M3
7/8 inch annular corrugated
N
1/4 Helical
N1
3/8 Helical
N2
1/2 Helical
N3
7/8 inch SFC
P1
.81 mm OD micro-cable
P2
1.13 mm OD micro-cable, TCB-068
P3
1.32 mm OD micro-cable
P4
1.37 mm OD micro-cable


同様の部品番号 - 000-27975

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
000-21900 AMPHENOL-000-21900 Datasheet
4Mb / 16P
   BNC Connectors
000-28100 AMPHENOL-000-28100 Datasheet
59Kb / 1P
   BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
000-28175 AMPHENOL-000-28175 Datasheet
79Kb / 1P
   BRASS PER QQ-B-626
000-2900 AMPHENOL-000-2900 Datasheet
77Kb / 1P
   Straight, Plug to Plug or Plug to Jack
More results

同様の説明 - 000-27975

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG225/U MHV MALE TO MHV MALE TO MHV MALE
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
   MHV Female to MHV Female Adapter
PE3914 PASTERNACK-PE3914 Datasheet
264Kb / 1P
   CABLE ASSEMBLY RG142B/U MHV MALE TO MHV MALE
PE3735 PASTERNACK-PE3735 Datasheet
264Kb / 1P
   CABLE ASSEMBLY, RG214/U,MHV MALE TO MHV MALE
PE9266 PASTERNACK-PE9266 Datasheet
237Kb / 2P
   MHV Male to MHV Female Right Angle Adapter
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
   cable assembly rg225/u mhv male to mhv male
PE3098 PASTERNACK-PE3098 Datasheet
101Kb / 1P
   CABLE ASSEMBLY RG8A/U MHV MALE TO MHV MALE
PE34431 PASTERNACK-PE34431 Datasheet
266Kb / 1P
   CABLE ASSEMBLY, RG188/U, MHV MALE TO MHV MALE
PE34429 PASTERNACK-PE34429 Datasheet
102Kb / 1P
   CABLE ASSEMBLY, RG141/U, MHV MALE TO MHV MALE
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
   Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com