データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0109MN0 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 Z0109MN0
部品情報  4Q Triac Rev. 3 ??12 May 2011
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0109MN0 データシート(HTML) 6 Page - NXP Semiconductors

Back Button Z0109MN0 Datasheet HTML 2Page - NXP Semiconductors Z0109MN0 Datasheet HTML 3Page - NXP Semiconductors Z0109MN0 Datasheet HTML 4Page - NXP Semiconductors Z0109MN0 Datasheet HTML 5Page - NXP Semiconductors Z0109MN0 Datasheet HTML 6Page - NXP Semiconductors Z0109MN0 Datasheet HTML 7Page - NXP Semiconductors Z0109MN0 Datasheet HTML 8Page - NXP Semiconductors Z0109MN0 Datasheet HTML 9Page - NXP Semiconductors Z0109MN0 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Z0109MN0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 12 May 2011
6 of 17
NXP Semiconductors
Z0109MN0
4Q Triac
6.
Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance from
junction to solder point
full cycle; see Figure 8
--15
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air; printed-circuit board mounted:
minimum footprint; full cycle; see Figure 6
-
156
-
K/W
in free air; printed-circuit board mounted:
pad area; full cycle; see Figure 7
-70
-
K/W
All dimensions are in mm
All dimensions are in mm
Printed circuit board:
FR4 epoxy glass (1.6 mm thick), copper laminate
(35 um thick)
Fig 6.
Minimum footprint SOT223
Fig 7.
Printed circuit board pad area: SOT223
001aab508
3.8 min
1.5
min
1.5
min
(3
×)
2.3
4.6
6.3
1.5
min
001aab509
7
4.6
15
36
9
10
18
4.5
60
50


同様の部品番号 - Z0109MN0

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
Z0109MN0 WEEN-Z0109MN0 Datasheet
321Kb / 14P
   4Q Triac
More results

同様の説明 - Z0109MN0

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS1258EVM TI-ADS1258EVM Datasheet
919Kb / 39P
[Old version datasheet]   SBAU126C?밠ay 2007?밨evised May 2011
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com