データシートサーチシステム |
|
KBL408-G データシート(PDF) 1 Page - Comchip Technology |
|
KBL408-G データシート(HTML) 1 Page - Comchip Technology |
1 / 3 page Glass Passivated Bridge Rectifiers Page 1 REV:A KBL4005-G Thru. KBL410-G Parameter Symbol Unit Dimensions in inches and (millimeter) QW-BBR70 Maximum Reverse Peak Repetitive Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at 50°C (Note 1) TA Peak Forward Surage Current , 8.3ms Single Half Sine-Wave Super Imposed On Rated Load Operating Temperature Range Storage Temperature Range Reverse Voltage: 50 to 1000V Forward Current: 4.0Amperes RoHS Device Maximum ratings and electrical characteristics Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% 50 35 50 VRRM VRMS VDC I(AV) IFSM VF IR TJ TSTG 125 1.1 10.0 -55 to +150 -55 to +150 V V V A A V μA °C KBL 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 Comchip Technology CO., LTD. Notes: Features -Surge overload rating - 125 amperes peak. Mechanical Data Maximum Forward Voltage Drop Per Element -Ideal for printed circuit board. 4.0 °C Maximum Reverse Current at Rate DC Blocking Voltage 1. Mounting conditions, 0.5” lead length maximum. KBL 4005-G KBL 401-G KBL 402-G KBL 404-G KBL 406-G KBL 408-G KBL 410-G -Epoxy: U/L 94-V0 rate flame retardant. -Mounting position: Any -Case: Molded plastic, KBL -Weight: 5.04 grams. 0.768(19.5) 0.728(18.5) 0.547(13.9) 0.587(14.9) (19.0) 0.750 MIN. 0.087 (2.2) 0.220(5.6) 0.236(6.0) 0.256(6.5) 0.157(4.0)*45° 0.157(4.0)*45°C 0.180(4.6) 0.048(1.2)TYP. 0.052(1.3)DIA. 0.640(16.3) 0.600(15.2) IR 1.0 mA DC Blocking Voltage and 150°C TA Maximum Reverse Current At Rate at 4.0A Peak 0.071 (1.8) |
同様の部品番号 - KBL408-G |
|
同様の説明 - KBL408-G |