データシートサーチシステム |
|
SA111A(CA)-G データシート(PDF) 2 Page - Comchip Technology |
|
SA111A(CA)-G データシート(HTML) 2 Page - Comchip Technology |
2 / 7 page QW-BTV16 RATING AND CHARACTERISTIC CURVES (SA5V0-G thru SA191-G) Pulse Width, (μS) td 100 10 1 0.1 Fig.4 Peak Pulse Power Rating Curve 0.1 1 10 100 O Ambient Temperature, ( TA C) 0 Fig.1 Pulse Derating Curve 0 20 40 60 140 75 Time, (mS) 0 Fig.5 Pulse Waveform 0 25 75 1 2 3 4 Comchip Technology CO., LTD. Page 2 REV:A 50 100 200 150 50 100 Axial Lead Transient Voltage Suppressor 10000 1000 25 125 80 100 120 td Pulse width (td) is defined as the point where the peak current decay to 50% of IPP tr=10μS Peak value IPP Half value IPP/2 10/1000μS waveform as defined by R.E.A. O Lead Temperature, ( TL C) 0 Fig.3 Steady State Power Derating Curve 0 0.5 1.5 3.5 25 75 100 200 1.0 3.0 50 125 150 2.5 2.0 Number of Cycles at 60Hz 1 Fig.2 Maximun Non-Repetitive Surge Current 0 80 10 100 20 40 60 8.3mS single half sine-wave (JEDEC method) TJ=TJ max. 175 TJ=25 C O Fig.6 Typical Junction Capacitance 100 10 1 10 100 1000 1 Reverse Breakdown Voltage, (V) VBR 10000 Bi-directional @zero bias Uni-directional @zero bias Uni-directional @VRWM Bi-directional @ VRWM TJ=25 f=1.0MHz OC 1000 175 |
同様の部品番号 - SA111A(CA)-G |
|
同様の説明 - SA111A(CA)-G |