データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LBW1N1D データシート(PDF) 3 Page - Dialight Corporation

部品番号 LBW1N1D
部品情報  DuroSite짰 Series LED Low Bay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALIGHT [Dialight Corporation]
ホームページ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LBW1N1D データシート(HTML) 3 Page - Dialight Corporation

  LBW1N1D Datasheet HTML 1Page - Dialight Corporation LBW1N1D Datasheet HTML 2Page - Dialight Corporation LBW1N1D Datasheet HTML 3Page - Dialight Corporation LBW1N1D Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DuroSite
® LED Low Bay Fixture
Mechanical Information
Fixture Weight:
18 lbs (8.2 kg)
Shipping Weight:
24 lbs (10.92 kg)
Mounting:
(1) 3/4” NPT or (2) 5/16”-18 x .75” UNC
Electrical specifications
Operating Voltage:
100-277VAC, 50/60 Hz
Total System
Power Consumption:
45W, 80W, 140W
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Noise Requirements/
FCC Title 47, Subpart B, Section 15, class A
EMC:
device. RF Immunity; 10V/m, 80MHz-1GHz
Harmonics:
EN61000-3-2
Transient Protection:
1 kV line to line
2 kV line to ground
THD:
<15%
Power Factor:
> 0.9
Construction
Body:
Powder coated aluminum
EPA:
0.60
Finish:
Epoxy polyester powder coated for
superior corrosion resistance
Lens:
Polycarbonate
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
4,300K (neutral white)
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
Dimensions in inches [mm]
Certifications and Ratings
UL1598/A (suitable for wet locations)
CSA C22.2 No. 250.0-08
UL8750
Compliances
IEC 60529 (IP 66)
NEMA 4X
ANSI C 136.15-2011
Test Reports
LM-79
LM-80
Application:
Dialight’s Durosite
® LED low bay fixture was designed specifically to replace
conventional lighting in a wide variety of industrial applications; both indoor
and outdoor. Its low profile light weight design and versatile mounting
options make it ideal for many applications such as parking decks,
garages, cold storage and other applications with mounting heights up to
20 feet.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy savings,
reduced maintenance costs, and a superior quality of light.
www.dialight.com
Ordering Code:
5.04
(127,9)
8.19
(208)
Ø 10.37
(263,5)
Ø 16.00
(406,4)
16.25 (412,8)
BETWEEN BRACKET MOUNT
LOCATIONS (5/16”-18UNC)
3/4” NPT FOR
CONDUIT MOUNT
Part Number
lumens
Wattage
Lumens Per
Watt
CCT
Occupancy
Sensor
Variable
Dimming
LBW1C1A
3,800
45
84
Cool White
LBW1N1A
3,800
45
84
Neutral White
LBW1C2A
3,800
45
84
Cool White
LBW1N2A
3,800
45
84
Neutral White
LBW1C5A
3,800
45
84
Cool White
LBW1N5A
3,800
45
84
Neutral White
LBW1C1D
6,000
80
75
Cool White
LBW1N1D
6,000
80
75
Neutral White
LBW1C2D
6,000
80
75
Cool White
LBW1N2D
6,000
80
75
Neutral White
LBW1C5D
6,000
80
75
Cool White
LBW1N5D
6,000
80
75
Neutral White
HBWC4L
8,750
140
62
Cool White
HBWN4L
8,750
140
62
Neutral White
Meets Buy American
For projects requiring Buy American certification,
consult factory for additional information and details


同様の部品番号 - LBW1N1D

メーカー部品番号データシート部品情報
logo
Dialight Corporation
LBW1N1D-EU DIALIGHT-LBW1N1D-EU Datasheet
146Kb / 1P
   DuroSite LED Low Bay Fixture
More results

同様の説明 - LBW1N1D

メーカー部品番号データシート部品情報
logo
Dialight Corporation
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
   DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
LBW1C1D DIALIGHT-LBW1C1D Datasheet
117Kb / 2P
   DuroSite LED Low Bay Fixture
LBW1C1D-EU DIALIGHT-LBW1C1D-EU Datasheet
146Kb / 1P
   DuroSite LED Low Bay Fixture
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com