データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DV621 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3DV621
部品情報  12-Channel 1:2 MUX/DEMUX Switch with Integrated 4-Channel Sideband Signal Switching
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV621 データシート(HTML) 6 Page - Texas Instruments

Back Button TS3DV621 Datasheet HTML 2Page - Texas Instruments TS3DV621 Datasheet HTML 3Page - Texas Instruments TS3DV621 Datasheet HTML 4Page - Texas Instruments TS3DV621 Datasheet HTML 5Page - Texas Instruments TS3DV621 Datasheet HTML 6Page - Texas Instruments TS3DV621 Datasheet HTML 7Page - Texas Instruments TS3DV621 Datasheet HTML 8Page - Texas Instruments TS3DV621 Datasheet HTML 9Page - Texas Instruments TS3DV621 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS3DV621
SCDS330B – JANUARY 2012 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VIK
Digital input clamp voltage
SEL1,SEL2
VCC = 3.6 V, IIN = -18 mA
– 1. 2
– 0. 8
V
RON
On-state resistance
All I/O
VCC = 3 V, 1.5 V ≤ VI/O ≤ VCC, II/O = –40 mA
8
12
Ω
VCC = 3 V, VI/O = 1.5 V and VCC,
RON(flat)
(3)
On-state resistance flatness
All I/O
1.5
Ω
II/O = –40mA
On-state resistance match
ΔRON
(4)
All I/O
VCC = 3 V, 1.5 V ≤ VI/O ≤ VCC, II/O = –40mA
0.4
1
Ω
between channels
Digital input high leakage
IIH
SEL1,SEL2
VCC = 3.6 V , VIN = VDD
±1
µA
current
Digital input low leakage
IIL
SEL1,SEL2
VCC = 3.6 V, VIN = GND
±1
µA
current
Leakage under power off
IOFF
All outputs
VCC = 0 V, VI/O = 0 to 3.6 V, VIN = 0 to 5.5V
±1
µA
conditions
CIN
Digital input capacitance
SEL1,SEL2
f = 1 MHz, VIN = 0 V
2.6
3.2
pF
f = 1 MHz, VI/O = 0 V, Output is open,
COFF
Switch OFF capacitance
All I/O
2
pF
Switch is OFF
f = 1 MHz, VI/O = 0 V, Output is open,
CON
Switch ON capacitance
All I/O
5.6
pF
Switch is ON
ICC
VCC supply current
VCC = 3.6 V, II/O = 0, VIN = VDD or GND
300
400
µA
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs
(2)
All typical values are at VCC = 3.3V (unless otherwise noted), TA = 25°C
(3)
RON(FLAT) is the difference of RON in a given channel at specified voltages.
(4)
ΔRON is the difference of RON from center port to any other ports.
SWITCHING CHARACTERISTICS
Over recommended operation free-air temperature range, VCC = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 4 pF (unless otherwise
noted) (see and )
FROM
TO
PARAMETER
MIN TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(2)
All I/O input side
All I/O output side
40
ps
tPZH, tPZL
SEL1, SEL2
All I/O
2
7
ns
tPHZ, tPLZ
SEL1, SEL2
All I/O
2
5
ns
tsk(o)
(3)
All I/O input side
All I/O output side
6
30
ps
tsk(p)
(4)
6
30
ps
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port and any other channel.
(4)
Skew between opposite transitions of the same output |tPHL – tPLH|
DYNAMIC CHARACTERISTICS
Over recommended operation free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 50 Ω, f = 250 MHz (Figure 11)
–43
dB
OIRR
RL = 50 Ω, f = 250 MHz (Figure 12)
–42
dB
BW
RL = 50 Ω, Switch ON (Figure 10)
2.2
GHz
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TS3DV621


同様の部品番号 - TS3DV621

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642 TI-TS3DV642 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results

同様の説明 - TS3DV621

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com