データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA16888 データシート(PDF) 8 Page - Siemens Semiconductor Group

部品番号 TDA16888
部品情報  High Performance Power Combi Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA16888 データシート(HTML) 8 Page - Siemens Semiconductor Group

Back Button TDA16888 Datasheet HTML 4Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 5Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 6Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 7Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 8Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 9Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 10Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 11Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TDA 16888
Semiconductor Group
8
Data Sheet 1998-05-06
PFC Section
At normal operation the PFC section operates with dual loop control. An inner loop,
which includes OP2, C1, FF1 and the PFC’s driver, controls the shape of the line current
by average current control enabling either continuous or discontinuous operation. By the
outer loop, which is supported by OP1, the multiplier, OP2, C1, FF1 and the PFC's driver,
the PFC output voltage is controlled. Furthermore there is a third control loop composed
of OTA1, OP2, C1, FF1 and the PFC’s driver, which allows the PFC section to be
operated as an auxiliary power supply even when the PWM section is disabled. With
disabled PWM section, however, the PFC section is operated with half of its nominal
operating frequency in order to reduce the overall current consumption.
Based on a pulse-width-modulation, which is leading edge triggered with respect to the
internal clock reference CLK OUT and which is trailing edge modulated according to the
PFC ramp signal
V
PFC RMP and the output voltage of OP2 VPFC CC (see Figure 18), the
PFC section is designed for a maximum duty cycle of ca. 94% to achieve minimal line
current gaps.
PWM Section
The PWM section is equipped with improved current mode control containing effective
slope compensation as well as enhanced spike suppression in contrast to the commonly
used leading edge current blanking. This is achieved by the chain of operational amplifier
OP3, voltage source
V
1 and the 1st order low pass filter composed of R1 and an external
capacitor, which is connected to pin 15 (PWM RMP). For crosstalk suppression between
PFC and PWM section a signal-to-noise ratio comparable to voltage mode controlled
PWM’s is set by operational amplifier OP3 performing a fivefold amplification of the PWM
load current, which is sensed by an external shunt resistor. In order to simultaneously
perform effective slope compensation and to suppress leading spikes, which are due to
parasitic capacitances being discharged whenever the power transistor is switched on,
the resulting signal is subsequently increased by the constant voltage of
V
1 and finally
fed into the 1st order low pass filter. The peak ramp voltage, that in this way can be
reached, amounts to ca. 6.5 V. By combination of voltage source
V
1 and the following
low pass filter a basic ramp (step response) with a leading notch is created, which will
fully compensate a leading spike (see Figure 12) provided, the external capacitor at
pin 15 (PWM RMP) and the external current sensing shunt resistor are scaled properly.


同様の部品番号 - TDA16888

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
TDA16888G INFINEON-TDA16888G Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
More results

同様の説明 - TDA16888

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com