データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC20XS4200 データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC20XS4200
部品情報  Dual 24 V, 20 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC20XS4200 データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC20XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC20XS4200 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
20XS4200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS OF THE OUTPUT STAGE (HS0 AND HS1)
ON-Resistance, Drain-to-Source
(IHS = 3.0 A, TJ = 25 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)25_0
20
20
20
m
Ω
ON-Resistance, Drain-to-Source
(IHS = 1.0 A, TJ = 25 °C)
CSNS_ratio = 1
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)25_1
20
20
20
m
Ω
ON-Resistance, Drain-to-Source (IHS = 3.0 A,TJ = 150 °C)
CSNS_ratio = 0
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)150_0
36
36
36
m
Ω
ON-Resistance, Drain-to-Source (IHS = 1.0 A,TJ = 150 °C)
CSNS_ratio = 1
VPWR = 8.0 V
VPWR = 28 V
VPWR = 36 V
RDS(ON)150_1
36
36
36
m
Ω
ON-Resistance, Drain-to-Source difference from one channel to the other
in parallel mode (IHS = 1.0 A,TJ = 150 °C) CSNS_ratio = X
ΔR
DS(ON)150
-0.9
+0.9
m
Ω
ON-Resistance, Source-Drain (IHS = -3.0 A, TJ = 150 °C, VPWR = -
24 V)
RSD(ON)150
36
m
Ω
Max. detectable wiring length (2.5 mm²) for severe short-circuit detection
(see Severe Short-circuit Fault (latchable fault)):
High slew rate selected
Medium slew rate selected:
Low slew rate selected:
LSHORT
50
100
200
130
260
500
300
600
1200
cm
Over-current Detection thresholds with CSNS_ratio bit = 0 (CSR0)
I_OCH1_0
I_OCH2_0
I_OCM1_0
I_OCM2_0
I_OCL1_0
I_OCL2_0
I_OCL3_0
27.5
17.5
10.8
6.7
4.5
3.0
1.5
33.0
21.0
13.0
8.0
5.4
3.6
1.8
38.5
24.5
15.2
9.3
6.3
4.2
2.1
A
Table 3. Static Electrical Characteristics (continued)
Unless specified otherwise: 8.0 V
≤ V
PWR ≤ 36 V, 3.0 V ≤ VDD ≤ 5.5 V, - 40 °C ≤ TA ≤ 125 °C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
Parameter
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC20XS4200

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BDFK NXP-MC20XS4200BDFK Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results

同様の説明 - MC20XS4200

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com