データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13892BJVL データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MC13892BJVL
部品情報  Power Management Integrated
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892BJVL データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC13892BJVL Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13892BJVL Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
MC13892
PIN CONNECTIONS
D1
D1
VUSB
3.6
Output
USB Supply
USB transceiver regulator output
D2
C1
VSD
3.6
Output
SD Card Supply
Output regulator SD card
D4
C3
SWBSTFB
3.6
Input
Switcher Boost
Feedback
Switcher BST feedback
D5
D7
LEDMD
28
Input
LED Driver
Main display backlight LED current sink
driver
D6
B7
DVS1
3.6
Input
Dynamic Voltage
Scaling Control 1
Switcher 1DVS input pin
D7
B8
REFCORE
3.6
Output
Core Reference
Main bandgap reference
D8
B10
CHRGSE1B
3.6
Input
Charger Select
Charger forced SE1 detection input
D9
C10
LICELL
3.6
I/O
Coin Cell Connection
1. Coin cell supply input
2. Coin cell charger output
D10
C11
BATTFET
4.8
Output
Battery FET
Connection
Driver output for battery path FET M3
D12
C12
BPSNS
4.8
Input
Battery Plus Sense
1. BP sense point
2. Charge current sensing point 2
D13
D11
PWRON1
3.6
Input
Power On 1
Power on/off button connection 1
E1
E1
UVBUS
20
I/O
USB Bus
1. USB transceiver cable interface
2. VBUS & OTG supply output
E2
D2
VPLL
3.6
Output
Voltage Supply for PLL Output regulator processor PLL
E4
C5
LEDG
7.5
Input
PWM Driver for Green
LED
General purpose LED current sink driver
Green
E5
D6
GNDLED
Ground
LED Ground
Ground for LED drivers
E6
B6
UID
5.5
Input
USB ID
USB OTG transceiver cable ID
E7
C8
PUMS2
3.6
Input
Power Up Mode Select
2
Power up mode supply setting 2
E8
B12
GNDCHRG
Ground
Charger Ground
Ground for charger interface
E9
D10
CHRGLED
20
Output
Charger LED
Trickle LED driver output 1
E10
E11
PWRON2
3.6
Input
Power On 2
Power on/off button connection 2
E11
D13
ADTRIG
3.6
Input
ADC Trigger
ADC trigger input
E12
E13
INT
3.6
Output
Interrupt Signal
Interrupt to processor
E13
G13, G14
GNDSW1
Ground
Switcher 1 Ground
Ground for switcher 1
F1
G1, G2
GNDSW3
Ground
Switcher 3 Ground
Ground for switcher 3
F2
F2
VBUSEN
3.6
Input
VBUS Enable
External VBUS enable pin for OTG supply
F4
G3
SW3FB
3.6
Input
Switcher 3 Feedback
Switcher 3 feedback
F5
C7
LEDAD
28
Input
Auxiliary Display LED
Auxiliary display backlight LED sinking
current driver
F6
A6, B3, B4, D3,
D4, E4, E5, E6
GNDSUB1
Ground
Ground 1
Non critical signal ground and thermal heat
sink
Table 2. MC13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition


同様の部品番号 - MC13892BJVL

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC13892BJVL FREESCALE-MC13892BJVL Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892BJVL FREESCALE-MC13892BJVL Datasheet
5Mb / 156P
   Power Management and User Interface IC
More results

同様の説明 - MC13892BJVL

メーカー部品番号データシート部品情報
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Texas Instruments
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com