データシートサーチシステム |
|
6-1195350-3 データシート(PDF) 1 Page - PANDUIT CORP. |
|
6-1195350-3 データシート(HTML) 1 Page - PANDUIT CORP. |
|
1 / 1 page SPECIFICATION CONTROL DRAWING Tyco Electronics Corporation 300 Constitution Drive, Menlo Park, CA. 94025, U.S.A. Raychem TITLE: COLOR CODED CRIMP SPLICER, IN-LINE, TIN PLATED Unless otherwise specified dimensions are in millimeters. Inches dimensions are shown in brackets. DOCUMENT NO.: D-609-06/-07/-08 TOLERANCES: 0.00 N/A 0.0 N/A 0 N/A ANGLES: N/A ROUGHNESS IN MICRON Tyco Electronics reserves the right to amend this drawing at any time. Users should evaluate the suitability of the product for their application. PROD. REV.: SEE TABLE DOC. ISSUE: 4 DATE: 2-Dec-02 DRAWN BY: M. FORONDA CAGE CODE: 06090 REPLACES: D010059 DCR NUMBER: D020545 SCALE: None SIZE: A SHEET: 1 of 1 If this document is printed it becomes uncontrolled. Check for the latest revision. © 2004 Tyco Electronics Corporation. All rights reserved Prod. Rev Product Dimensions Product Name Nom Size (AWG) øA øB C ±0.25 (C ±0.010) D ±0.25 (D ±0.010) E max Max Weight Lbs./mpc Color Code Useable CMA D-609-06 B 26 - 20 1.27 (0.050) 1.13 (0.045) 2.03 (0.080) 1.90 (0.075) 12.7 (0.500) 5.97 (0.235) 0.381 (0.015) 0.61 Red 300 - 1510 D-609-07 B 20 - 16 1.75 (0.069) 1.62 (0.064) 2.69 (0.106) 2.56 (0.101) 14.61 (0.575) 6.86 (0.270) 0.51 (0.020) 1.17 Blue 779 - 2680 D-609-08 B 16 -12 2.59 (0.102) 2.46 (0.097) 3.89 (0.153) 3.73 (0.147) 14.61 (0.575) 6.86 (0.270) 1.27 (0.050) 2.30 Yellow 1900 - 6755 MATERIAL 1. CRIMP SPLICER: Base Metal - Copper Alloy 101 or 102 per ASTM B 75. Plating: Tin per MIL-T-10727, Type I. Color Code Stripe: per table of dimensions APPLICATION 1. Parts shall be of seamless tubular construction. 2. Acceptance sampling shall be in accordance with Paragraph 4 of MIL-S-81824. 3. Packing and packaging shall be in accordance with Section 5, Level C, of MIL-S-81824. 4. Use Tyco Electronics Crimp Tool AD-1377 or equivalent. |
同様の部品番号 - 6-1195350-3 |
|
同様の説明 - 6-1195350-3 |