データシートサーチシステム |
|
CD10FD181JO3F データシート(PDF) 1 Page - Cornell Dubilier Electronics |
|
CD10FD181JO3F データシート(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 6 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Mica Capacitors, Standard Dipped Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30 Stability and mica go hand-in-hand when you need to count on stable capacitance over a wide temperature range. CDE’s standard dipped silvered mica capacitors are the first choice for timing and close tolerance applications. These standard types are widely available through distribution. Specifications Dimensions Capacitance Range 1 pF to 91,000 pF Capacitance Tolerance ±1/2 pF (D), ±1 pF (C), ±1/2% (E), ±1% (F), ±2% (G), ±5% (J) Rated Voltage 100 Vdc to 2500 Vdc Operating Temperature Range –55 ºC to +125 ºC (O) –55 ºC to +150 ºC (P)* Dielectric Strenght Test 200% of rated voltage RoHS Compliant Highlights - Reel packaging available - High temperature – up to +150 ºC - Dimensions meet EIA RS153B specification - 100,000 V/µs dV/dt pulse capability minimum - Non-flammable units that meet IEC 695-2-2 are available Construction Details Case Material Epoxy Terminal Material Copper clad steel, nickle undercoat, 100% tin finish * P temperature range available for types CD10, CD15, CD19, CD30 and CD42 Order by complete part number as below. For other options, write your requirements on your purchase order or request for quotation. Ordering Information Part Numbering System (Radial-Leaded Silvered Mica Capacitors, except D10*) Characteristics Code Temp. Coeff. Capacitance Standard Cap. ppm/ ºC Drift Range C –200 to +200 ±(0.5% +0.1pF) 1–18 pF E –20 to +100 ±(0.1% +0.1 pF) 20–82 pF F 0 to +70 ±(0.05% +0.1 pF) 91 pF and up Vibration Grade Vibration Condition (Hz) No. MIL-STD-202 3 Method 204 Condition D 10 to 2,000 Capacitance Tolerance Tol. Code Tolerance Capacitance Range C ±1 pF 1– 9 pF D ±1⁄2 pF 1–99 pF E ±1⁄2 % 100 pF and up F ±1 % 50 pF and up G ±2 % 25 pF and up H ±3 % 18 pF and up J ±5 % 10 pF and up Standard tolerance is ±1/2 pF for less than 10 pF and ±5% for 10 pF and up CD15 C D 100 J O 3 F Series Characteristic Code Voltage (Vdc) Capacitance (pF) Capacitance Tolerance Temperature Range Vibration Grade Blank = Not Specified F= RoHS Compliant F = 1000 Vdc A = 100 Vdc H = 1500 Vdc C = 300 Vdc J = 2000 Vdc D = 500 Vdc K = 2500 Vdc 010 = 1 pF 100 = 10 pF (1.5) = 1.5 pF 361 = 360 pF 122 = 1200 pF O = –55 ºC to +125 ºC P = –55 ºC to +150 ºC - Non-flammable units per IEC 695-2-2 are available for standard dipped capacitors. Specify IEC 695-2-2 on your order. - Tape and reeling, specify per application guide. Options Available * Order type D10 using the catalog numbers shown in ratings tables. |
同様の部品番号 - CD10FD181JO3F |
|
同様の説明 - CD10FD181JO3F |