データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV-406254-1.5-8A データシート(PDF) 10 Page - Tyco Electronics

部品番号 MV-406254-1.5-8A
部品情報  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

MV-406254-1.5-8A データシート(HTML) 10 Page - Tyco Electronics

Back Button MV-406254-1.5-8A Datasheet HTML 6Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 7Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 8Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 9Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 10Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 11Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 12Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 13Page - Tyco Electronics MV-406254-1.5-8A Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
95
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HM High tack metalized polyester labels
Thermal Transfer
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
HM-127111-10-8A
10,000
5
12.7
0.500
11.1
0.437
16.8
0.662
14.3
0.563
86.0
3.380
HM-127127-10-8A
10,000
5
12.7
0.500
12.7
0.500
15.9
0.625
15.9
0.625
82.6
3.250
* HM-165051-25-8A
25,000
4
16.5
0.650
5.1
0.200
17.8
0.700
8.3
0.325
75.8
2.990
HM-165102-10-8A
10,000
5
16.5
0.650
10.2
0.400
19.1
0.750
13.8
0.545
99.1
3.900
HM-171171-10-8A
10,000
5
17.1
0.674
17.1
0.674
19.7
0.774
20.3
0.800
101.8
4.006
* HM-178095-10-8A
10,000
4
17.8
0.700
9.5
0.375
19.1
0.750
12.7
0.500
80.9
3.190
* HM-191064-10-8A
10,000
4
19.1
0.750
6.4
0.250
21.6
0.850
9.5
0.375
89.9
3.540
HM-191114-15-8A
15,000
3
19.1
0.750
11.4
0.450
22.2
0.875
14.7
0.579
69.5
2.736
* HM-203127-10-8A
10,000
4
20.3
0.800
12.7
0.500
22.9
0.900
15.9
0.625
94.6
3.730
HM-229064-10-8A
10,000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
HM-254045-10-8A
10,000
3
25.4
1.000
4.6
0.180
31.8
1.250
8.5
0.333
95.3
3.750
HM-254064-10-8A
10,000
3
25.4
1.000
6.4
0.250
27.9
1.100
9.5
0.375
87.3
3.436
HM-254097-10-8A
10,000
3
25.4
1.000
9.7
0.380
27.9
1.100
12.7
0.500
87.4
3.440
HM-254127-10-8A
10,000
3
25.4
1.000
12.7
0.500
27.9
1.100
16.9
0.666
87.4
3.440
HM-254254-10-8A
10,000
3
25.4
1.000
25.4
1.000
27.9
1.100
28.6
1.125
87.4
3.440
* HM-305047-10-8A
10,000
2
30.5
1.200
4.7
0.185
33.0
1.300
7.8
0.306
69.5
2.736
HM-318064-10-8A
10,000
1
31.8
1.250
6.4
0.250
N/A
N/A
9.5
0.375
37.9
1.490
HM-318097-10-8A
10,000
1
31.8
1.250
9.7
0.380
N/A
N/A
12.7
0.500
37.8
1.488
HM-381020-10-8A
10,000
1
38.1
1.500
2.0
0.080
N/A
N/A
10.7
0.423
44.1
1.740
HM-381064-10-8A
10,000
1
38.1
1.500
6.4
0.250
N/A
N/A
9.5
0.375
44.5
1.750
* HM-381127-5-8A
5,000
2
38.1
1.500
12.7
0.500
44.2
1.738
15.9
0.625
88.2
3.472
HM-381191-5-8A
5,000
2
38.1
1.500
19.1
0.750
43.2
1.700
22.2
0.875
87.6
3.450
* HM-381381-2.5-8A
2,500
2
38.1
1.500
38.1
1.500
44.5
1.750
40.8
1.607
88.9
3.500
* HM-381635-5-8A
5,000
2
38.1
1.500
63.5
2.500
40.6
1.600
66.7
2.625
84.7
3.336
* HM-406254-1.5-8A
1,500
2
40.6
1.600
25.4
1.000
55.9
2.200
38.1
1.500
102.9
4.050
HM-445064-10-8A
10,000
1
44.5
1.750
6.4
0.250
N/A
N/A
9.5
0.375
50.4
1.986
HM-445102-5-8A
5,000
1
44.5
1.750
10.2
0.400
N/A
N/A
12.7
0.500
50.4
1.986
HM-445445-2-8A
2,000
1
44.5
1.750
44.5
1.750
N/A
N/A
47.6
1.875
50.4
1.986
HM-478175-5-8A
5,000
1
47.8
1.880
17.5
0.690
N/A
N/A
24.4
0.962
66.0
2.600
HM-508064-10-8A
10,000
1
50.8
2.000
6.4
0.250
N/A
N/A
9.5
0.375
56.9
2.240
HM-508095-5-8A
5,000
1
50.8
2.000
9.5
0.375
N/A
N/A
12.7
0.500
57.2
2.250
HM-508127-5-8A
5,000
1
50.8
2.000
12.7
0.500
N/A
N/A
15.9
0.625
56.9
2.240
HM-508254-5-8A
5,000
1
50.8
2.000
25.4
1.000
N/A
N/A
28.6
1.125
57.2
2.250
HM-508318-2.5-8A
2,500
1
50.8
2.000
31.8
1.250
N/A
N/A
34.9
1.375
56.9
2.240
HM-508508-3-8A
3,000
1
50.8
2.000
50.8
2.000
N/A
N/A
54.6
2.150
54.0
2.130
HM-523841-1.5-8A
1,500
1
52.3
2.060
84.1
3.310
N/A
N/A
88.9
3.500
58.2
2.290
HM-610419-2.5-8A
2,500
1
61.0
2.400
41.9
1.650
N/A
N/A
45.5
1.792
67.3
2.650
HM-699191-5-8A
5,000
1
69.9
2.750
19.1
0.750
N/A
N/A
23.3
0.917
76.2
3.000
HM-699254-5-8A
5,000
1
69.9
2.750
25.4
1.000
N/A
N/A
28.6
1.125
76.2
3.000
HM-762381-2.5-8A
2,500
1
76.2
3.000
38.1
1.500
N/A
N/A
41.3
1.625
82.3
3.240
HM-762508-2.5-8A
2,500
1
76.2
3.000
50.8
2.000
N/A
N/A
54.0
2.125
82.6
3.240
HM-762127-1-8A
1,000
1
76.2
3.000
127.0
5.000
N/A
N/A
129.5
5.100
79.4
3.130
HM-101508-2.5-8A
2,500
1
101.6
4.000
50.8
2.000
N/A
N/A
54.6
2.150
104.1
4.100
HM-101635-2.5-8A
2,500
1
101.6
4.000
63.5
2.500
N/A
N/A
66.7
2.625
107.7
4.240
HM-101762-1.8-8A
1,800
1
101.6
4.000
76.2
3.000
N/A
N/A
79.4
3.125
104.1
4.100
HM-101101-1.3-8A
1,300
1
101.6
4.000
101.6
4.000
N/A
N/A
104.8
4.125
104.1
4.100
HM-101165-0.85-8A
850
1
101.6
4.000
165.1
6.500
N/A
N/A
168.3
6.680
104.9
4.130
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


同様の部品番号 - MV-406254-1.5-8A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV-4610 ETC1-MV-4610 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4611 ETC1-MV-4611 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4612 ETC1-MV-4612 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4613 ETC1-MV-4613 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4614 ETC1-MV-4614 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

同様の説明 - MV-406254-1.5-8A

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com