データシートサーチシステム |
|
GS-12-0977 データシート(PDF) 7 Page - FCI connector |
|
GS-12-0977 データシート(HTML) 7 Page - FCI connector |
7 / 17 page NUMBER GS-12-0977 TYPE PRODUCT SPECIFICATION TITLE PAGE REVISION Conan Micro miniature Connector System 7 of 17 C AUTHORIZED BY DATE Janmy Zhou Feb. 14, 2012 CLASSIFICATION UNRESTRICTED Copyright FCI. Form E-3701 – Revision C GS-01-029 8.0 ENVIRONMENTAL CONDITIONS After exposure to the following environmental conditions in accordance with the specified test procedures and/or details, the product shall show no physical damage and shall meet the electrical and mechanical requirements per paragraphs 6.0 and 7.0 as specified in the Table 1.0 test sequences. Unless specified otherwise, the assemblies shall be mated during exposure. 8.1 HUMIDITY, STEADY STATE - MIL-STD-202F, METHOD 103B A. Relative humidity: 90% +/- 5% B. Temperature: 40 +/- 3 Deg. C C. Test Duration: 96 hours D. Samples: Groups 1 and 2 - unmated during exposure. 8.2 THERMAL SHOCK - MIL-STD-202F, METHOD 107G A. Test condition: A - (25, 1 hour cycles). B. Temperature range: -55 +/- 5 to +130 +5/-0 Deg. C. C. Time at each temperature: 30 minutes D. Transfer time: 5 minutes max. E. Samples: Groups 1 and 2 - unmated during exposure. 8.3 ENVIRONMENTAL SEQUENCE Phase 1 - Thermal shock, MIL-STD-202F, Method 107G. A. Test duration - 36, 1-hour cycles B. Temperature range - between -20 and +80 deg. C. C. Time at temperature - 30 minutes D. Transfer time - 5 minutes, maximum Phase 2 - Humidity, MIL-STD-202F, Method 103B. A. Test duration - 10 days B. Relative humidity - 95% C. Temperature - 40 +/- 3 deg. C. 8.3.1 - High Tem Life MIL-STD-202F, Method 108A A. Test Duration - 21 days B. Temperature - 105 deg. C. PDS: Rev :C STATUS:Released Printed: Mar 13, 2012 |
同様の部品番号 - GS-12-0977 |
|
同様の説明 - GS-12-0977 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |