データシートサーチシステム |
|
DMVF400BE1 データシート(PDF) 10 Page - Tyco Electronics |
|
DMVF400BE1 データシート(HTML) 10 Page - Tyco Electronics |
10 / 85 page HX-SCE Low fire hazard heat-shrinkable wire identification sleeves 10 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Industry Standards Standard Title Application BS6853 Code of practice for fire precautions in the design Interior minor use materials of mass 100g to 500g. and construction of passenger carrying trains. Vehicle category Ia. 1London Underground Limited Fire Safety Performance of Materials Limited, dispered usage (abbreciation RS/EQ/I) Standard 2-01001-002 NF F 16-101 Railway Rolling Stock Fire behavior choice of materials Rolling Stock Classification A1 DIN 5510-2 Preventive fire protection in railway vehicles - Part 2: Fire Dripping Classification ST2 behavior and fire side effects of materials and parts; Classification, Requirements and Test Methods. 2EN50343 Railway Applications - Rolling Stock - Tests on marking when using heat-shrinkable sleeves Rules for installation of cabling. 1 This replaces LUL Engineering Standard E1042 2 Not including resistance to liquid fuel - not recommended for use in areas where the sleeves may be subject to extended contact from diesel fuel - Tyco Electronics D-SCE product range is designed for use in these areas. |
同様の部品番号 - DMVF400BE1 |
|
同様の説明 - DMVF400BE1 |