データシートサーチシステム |
|
1N4003 データシート(PDF) 2 Page - Frontier Electronics. |
|
1N4003 データシート(HTML) 2 Page - Frontier Electronics. |
2 / 2 page 1N4001 THRU 1N4007 Page:2 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 TA-AMBIENT TEMPERATURE ( OC ) Fig. 3 MAXIMUM CURRENT RATING EFFECT OF LEAD LENGTHS RESISTIVE / INDUCTIVE LOAD 1.2 1.0 0.8 0.6 0.4 0.2 0 20 40 60 80 100 120 140 160 180 TA-AMBIENT TEMPERATURE ( OC) Fig. 5-MAXIMUM FORWARD SURGE VS NUMBER OF CYCLES 50 40 30 20 10 0 1 10 100 No. OF CYCLES AT 60 Hz Fig. 6-TYPICAL REVERSE CHARACTERISTIC 1000 500 200 100 50 20 10 5 2 1 .5 .2 .1 .05 .02 .01 100 200 300 400 500 600 PEAK INVERSE VOLTAGE TJ=100 oC TJ=125 oC TJ=75 oC TJ=50 oC TJ=25 oC L=LEAD LENTH L=5mm L=10mm L=20mm 10mm 10mm COPPER AREA 5.5 mm PC BOARD IPK IAV 5 10 20 CAPACTIVE LOADS 10mm 10mm COPPER AREA 5.5 mm PC BOARD RESISTIVE / INDUCTIVE LOADS 1.2 1.0 0.8 0.6 0.4 0.2 Fig. 2-MAXIMUM CURRENT RATING CAPACITIVE LOAD, 10 mm LEAD LENGTHS TA-AMBIENT TEMPERATURE ( OC) Fig. 1-MAXIMUM CURRENT RATING EFFECT OF COPPER AREA. RESISTIVE/INDUCTIVE A=5.5 mm A=20 mm A=COPPER P.C. AREA BOARD A=10 mm 10mm 10mm 0 20 40 60 80 100 120 140 160 180 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VF-FORWARD VOLTAGE(V) 10 1.0 0.1 .01 Fig. 4 -TYPICAL FORWARD CHARACTERISTICS +150 oC +25 oC Fig. 8-FORWARD PULSE CURRENT VS PULSE DURATION 10,000 1,000 100 10 0.1uS 1uS 10uS 100uS 1mS 10mS PULSE DURATION (Seconds) 1 10 100 1000 VR-REVERSE VOLTAGE (V) Fig. 7-TYPICAL JUNCTION CAPACITANCE 100 10 0 |
同様の部品番号 - 1N4003 |
|
同様の説明 - 1N4003 |