データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4-02 データシート(PDF) 1 Page - Frontier Electronics.

部品番号 BU4-02
部品情報  4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU4-02 データシート(HTML) 1 Page - Frontier Electronics.

  BU4-02 Datasheet HTML 1Page - Frontier Electronics. BU4-02 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BU4-005 THRU BU4-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU4-005 THRU BU4-10
FEATURES
PLASTIC MATERIAL HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C /10S
0.375”(9.5mm) LEAD LENGTH AT 5 LBS (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202,
METHOD 208
MOUNTING TORQUE: 5 IN-LB MAX
MOUNTING POSITION: ANY
WEIGHT: 8.0 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BU4-005 BU4-01 BU4-02 BU4-04 BU4-06 BU4-08 BU4-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT (SEE FIG.1)
IO
4.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
200
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
ºC
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BU4-005 BU4-01 BU4-02 BU4-04 BU4-06 BU4-08 BU4-10 UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT IFM
VF
1.0
V
MAXIMUM REVERSE LEAKAGE AT RATE DC BLOCKING
VOLTAGE PER ELEMENT TA=25ºC , TC=100ºC
IR
10
μA
0.700(17.8)
0.600(16.8)
0.780(19.8)
0.740(18.8)
.935(23.7)
.895(22.7)
1.00
(25.4)
MIN
0.283(7.2)
0.256(6.5)
0.220(5.6)
0.180(4.6)
0.087(2.2)
0.071(1.8)
-
AC
+
0.15
∅ x 0.23L
(3.8
∅ x 5.7L)
HOLE THRU
0.300
(7.5)
0.052(1.3)DIA.
0.048(1.2)TYP.


同様の部品番号 - BU4-02

メーカー部品番号データシート部品情報
logo
Rohm
BU4001B ROHM-BU4001B Datasheet
46Kb / 4P
   Quad 2-input NOR gate
BU4001B ROHM-BU4001B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B-E2 ROHM-BU4001B-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4001BF ROHM-BU4001BF Datasheet
46Kb / 4P
   Quad 2-input NOR gate
More results

同様の説明 - BU4-02

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
GBU4-005 FRONTIER-GBU4-005 Datasheet
124Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
KBU4005 CITC-KBU4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 CITC-GBU4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL4005 CITC-GBL4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com