データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM160-N データシート(PDF) 1 Page - Frontier Electronics.

部品番号 FM160-N
部品情報  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FM160-N データシート(HTML) 1 Page - Frontier Electronics.

  FM160-N Datasheet HTML 1Page - Frontier Electronics. FM160-N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM120-N THRU FM160-N
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FM120-N THRU FM160-N
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
FOR SURFACE MOUNTED APPLICATIONS
EXCEEDS ENVIRONMENTAL STANDARDS OF MIL-S-19500 / 228
LOW LEAKAGE CURRENT
MECHANICAL DATA
CASE: MOLDED PLASTIC ,JEDEC SOD-323
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED, SOLDERABLE PER
MIL-STD-750,METHOD 2026
MOUNTING POSITION : ANY
WEIGHT: 0.0045 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
FM120-N
FM130-N
FM140-N
FM150-N
FM160-N
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
1.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
120
PF
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
FM120-N
FM130-N
FM140-N
FM150-N
FM160-N
UNITS
MAXIMUM FORWARD VOLTAGE AT 1.0A AND 25
VF
0. 55
0.70
V
MAXIMUM REVERSE CURRENT AT 25
IR
0.5
mA
MARKING
12
13
14
15
16
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
.016(0.4) Typ.
.057(1.45 )
.041(1.05 )
.106(2.7)
.091(2.3)
.047(1.2)
.031(0.8)
.012(0.3) Typ.
.016(0.4) Typ.


同様の部品番号 - FM160-N

メーカー部品番号データシート部品情報
logo
Formosa MS
FM160-N FORMOSA-FM160-N Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM160-N FORMOSA-FM160-N Datasheet
37Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM160-N PACELEADER-FM160-N Datasheet
213Kb / 3P
   CHIIIP SCHOTTKY BARRIIIER RECTIIIFIIIER
More results

同様の説明 - FM160-N

メーカー部品番号データシート部品情報
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com